Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1211N002D-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1211N002D-TR
Description  Step-up DC/DC Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211N002D-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1211N002D-TR Datasheet HTML 5Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 6Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 7Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 8Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 9Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 10Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 11Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 12Page - RICOH electronics devices division R1211N002D-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Rev. 1.10
- 9 -
s
s
s
s
TYPICAL APPLICATIONS AND TECHNICAL NOTES
<R1211X002A/R1211X002C>
C3
Inductor
Diode
NMOS
VIN
EXT
DELAY
VFB
GND AMPOUT
C1
C2
C4
R1
R2
R3
C5
R4
NMOS: IRF7601 (International Rectifier)
Inductor : LDR655312T-100 10
µH (TDK) for R1211X002A
: LDR655312T-220 22
µH (TDK) for R1211X002C
Diode: CRS02 (Toshiba)
C1: 4.7
µF (Ceramic)
R1: Output Voltage Setting Resistor 1
C2: 0.22
µF (Ceramic)
R2: Output Voltage Setting Resistor 2
C3: 10
µF (Ceramic)
R3: 30k
C4: 680pF(Ceramic)
R4: 30k
C5: 2200pF(Ceramic)
<R1211X002B/R1211X002D>
Inductor
Diode
NMOS
VIN
EXT
DELAY
VFB
GND
CE
C1
C2
C3
C4
R1
R2
R3
CE Control
NMOS: IRF7601 (International Rectifier)
Inductor: LDR655312T-100 10
µH (TDK) for R1211X002B
LDR655312T-220 22
µH (TDK) for R1211X002D
Diode: CRS02 (Toshiba)
C1: 4.7
µF (Ceramic)
R1: Setting Output Voltage Resistor1
C2: 0.22
µF (Ceramic)
R2: Setting Output Voltage Resistor2
C3: 10
µF (Ceramic)
R3 : 30k
C4: 680pF(Ceramic)
[Note] These example circuits may be applied to the output voltage requirement is 15V or less. If the output voltage
requirement is 15V or more, ratings of NMOS and diode as shown above is over the limit, therefore, choose other
external components.


Similar Part No. - R1211N002D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002D RICOH-R1211N002D Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
More results

Similar Description - R1211N002D-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
L3380 UTC-L3380 Datasheet
166Kb / 9P
   PWM STEP UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
   Step-Up DC/DC Controller IC,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com