Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5310L001B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5310L001B
Description  Multi LDOs for Cellular-phone
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5310L001B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5310L001B Datasheet HTML 6Page - RICOH electronics devices division R5310L001B Datasheet HTML 7Page - RICOH electronics devices division R5310L001B Datasheet HTML 8Page - RICOH electronics devices division R5310L001B Datasheet HTML 9Page - RICOH electronics devices division R5310L001B Datasheet HTML 10Page - RICOH electronics devices division R5310L001B Datasheet HTML 11Page - RICOH electronics devices division R5310L001B Datasheet HTML 12Page - RICOH electronics devices division R5310L001B Datasheet HTML 13Page - RICOH electronics devices division R5310L001B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Rev.1.10
- 10 -
Ringer Controller / R5310L001B
Topt=25°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
FIG
TONE Pulse Frequency
RLG=16
DC
10
kHz
RLG
Resistive Load
Nominal number
6
32
CLG
Capacitive Load
RLG=16
1000
pF
VG7
Output Voltage for GSEN1 pin
with input code of seven
Ringer switch bit='1', Input
code to the EV is seven in
decimal. RLG=16
VROUT5-
0.1
VROUT5
VROUT5+
0.1
V
VG0
Output Voltage for GSEN1 pin
with input code of zero
Ringer switch bit='1', Input
code to the EV is zero in
decimal. RLG=16
TYP-
2dB
VROUT5-
21dB
TYP+
1.5dB
V
VGOFF
Output Voltage for GSEN1 pin
with Ringer switch bit of zero
Ringer switch bit='0'
RLG=16
00.05
V
RESGEV
Electronic Volume Resolution
3
bit
VGEV27
Electronic Volume Step
RLG=16
Ω, Each step of input
code from 2 to 7
2.5
3
3.5
dB
VGEV12
Electronic Volume Step
RLG=16
Ω, Each step of input
code from 1 to 2
2.4
3
3.6
dB
VGEV01
Electronic Volume Step
RLG=16
Ω, Each step of input
code from 0 to 1
2.2
3
3.8
dB
ISCR
Current Limit
GSEN=0V
2.5
5
10
mA
ISSG
Supply Current
RLG=16
600
900
µA
RSET5=3.0V
Battery Monitor: Analog output / R5310L001B
Topt=25°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VBOUT1A
Output Voltage
IOUT=0µA, BMON1=3.2 to 6V,
VDD=6V
0.66
×
BMON1-
2%
0.66
×
BMON1
0.66
×
BMON1+
2%
V
VBOUT1B
Output Voltage
IOUT=0µA,
BMON1=VDD=3.2 to 6V
0.66
×
BMON1-
2%
0.66
×
BMON1
0.66
×
BMON1+
2%
V
RBO1
Output Impedance
2.7k
5k
ISSBO1
Supply Current
Battery Monitor switch
bit='1'
300
500
µA
∆VBOUT1/
∆Topt
Output Voltage Temperature
Coefficient
±100
ppm/°C


Similar Part No. - R5310L001B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
R531 SUTEX-R531 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs?
logo
RICOH electronics devic...
R5312L RICOH-R5312L Datasheet
336Kb / 33P
   Multi LDOs for Cellular-phone?
R5312L001A RICOH-R5312L001A Datasheet
336Kb / 33P
   Multi LDOs for Cellular-phone?
More results

Similar Description - R5310L001B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5312L RICOH-R5312L Datasheet
336Kb / 33P
   Multi LDOs for Cellular-phone?
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
D3313FB TOKO-D3313FB Datasheet
98Kb / 1P
   Fixed Inductors for Cellular Phone
D312C TOKO-D312C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
   Audio LSI for Cellular Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com