Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1210N601A-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1210N601A-TR
Description  PWM Step-up DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N601A-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1210N601A-TR Datasheet HTML 3Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 4Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 5Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 6Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 7Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 8Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 9Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 10Page - RICOH electronics devices division R1210N601A-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
R1210N××1×
6
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
2.2V≤VSET≤2.4V
VLX=0.4V
70
mA
2.5V≤VSET≤2.9V
VLX=0.4V
85
mA
3.0V≤VSET≤3.4V
VLX=0.4V
100
mA
3.5V≤VSET≤3.9V
VLX=0.4V
120
mA
4.0V≤VSET≤4.4V
VLX=0.4V
140
mA
4.5V≤VSET≤4.9V
VLX=0.4V
150
mA
5.0V≤VSET≤5.4V
VLX=0.4V
170
mA
ILX
LX Switching Current
5.5V≤VSET≤6.0V
VLX=0.4V
190
mA
fosc2
Change-over frequency
VIN=VSET×0.6, IOUT=0.5mA
(only for ××1A)
10
35
70
KHz
*Note: VSET means setting Output Voltage.


Similar Part No. - R1210N601A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N601C RICOH-R1210N601C Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
R1210N601D RICOH-R1210N601D Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N601A-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com