Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5320G001A-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R5320G001A-TR
Description  CMOS Multi-LDOs for RF Unit
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5320G001A-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  R5320G001A-TR Datasheet HTML 1Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 2Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 3Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 4Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 5Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 6Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 7Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 8Page - RICOH electronics devices division R5320G001A-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Rev.1.13
- 5 -
VR2
Topt=25°C
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN-VOUT=1.0V
1mA
£IOUT£30mA
´0.98
´1.02
V
IOUT
Output Current
VIN-VOUT=1.0V
80
mA
DVOUT/DIOUT
Load Regulation
VIN-VOUT=1.0V
1mA
£IOUT£50mA
12
40
mV
VDIF
Dropout Voltage
Refer to Electrical Characteristics by Output Voltage (VR2)
ISS
Supply Current
VIN-VOUT=1.0V
70
120
µA
Istandby
Supply Current (Standby)
VIN-VOUT=1.0V
VCE=GND
0.1
1.0
µA
DVOUT/DVIN
Line Regulation
VOUT+0.5V
£VIN£6V
I
£=30mA
0.05
0.20
V
RR
Ripple Rejection
f=1kHz, sinusoidal 1Vp-p
VIN-VOUT=1.0V
70
DB
VIN
Input Voltage
6
V
DVOUT/DT
Output Voltage Temperature
Coefficient
IOUT=30mA
-40°C
£Topt£85°C
±100
ppm/
°C
ILIM
Short Current Limit
VOUT=0V
50
mA
RDN
CE Pull-down Resistance
2.5
5
10
M
W
VCEH
CE Input Voltage “H”
1.5
VIN
V
VCEL
CE Input Voltage “L”
0
0.25
V
en
Output Noise
BW=10Hz-100KHz
60
µVrms
l ELECTRICAL CHARACTERISTICS by OUTPUT VOLTAGE (VR2)
Topt=25°C
Dropout Voltage VDIF (V)
Output Voltage
VOUT (V)
Conditions
TYP.
MAX.
2.0
£VOUT£2.4
0.22
0.38
2.5
£VOUT£2.7
0.2
0.38
2.8
£VOUT£3.3
0.16
0.24
3.4
£VOUT£5.0
IOUT=80mA
0.12
0.24


Similar Part No. - R5320G001A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

Similar Description - R5320G001A-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5312L RICOH-R5312L Datasheet
336Kb / 33P
   Multi LDOs for Cellular-phone?
R5310L RICOH-R5310L Datasheet
270Kb / 34P
   Multi LDOs for Cellular-phone
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com