Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5323N001A Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5323N001A
Description  SOT23-6 150mA 2ch LDO REGULATORS?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5323N001A Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5323N001A Datasheet HTML 1Page - RICOH electronics devices division R5323N001A Datasheet HTML 2Page - RICOH electronics devices division R5323N001A Datasheet HTML 3Page - RICOH electronics devices division R5323N001A Datasheet HTML 4Page - RICOH electronics devices division R5323N001A Datasheet HTML 5Page - RICOH electronics devices division R5323N001A Datasheet HTML 6Page - RICOH electronics devices division R5323N001A Datasheet HTML 7Page - RICOH electronics devices division R5323N001A Datasheet HTML 8Page - RICOH electronics devices division R5323N001A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
'2001.7.10
SOT23-6 150mA 2ch LDO REGULATORS
R5323N SERIES
Rev. 1.10
- 1 -
s OUTLINE
The R5323N Series are voltage regulator ICs with high output voltage accuracy, low supply current, low dropout, and high
ripple rejection by CMOS process. Each of these voltage regulator ICs consists of a voltage reference unit, an error amplifier,
resistors for setting Output Voltage, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage due to built-in transistor with low ON resistance, and a chip enable function
prolongs the battery life of each system. The line transient response and load transient response of the R5323N Series are
excellent, thus these ICs are very suitable for the power supply for hand-held communication equipment.
The output voltage of these ICs is internally fixed with high accuracy. Since the package for these ICs is SOT-23-6 package,
2ch LDO regulators are included in each package, high density mounting of the ICs on boards is possible.
s FEATURES
Low Supply Current .................................................. TYP. 90
µA(VR1,VR2)
Standby Mode ........................................................... TYP. 0.1
µA(VR1,VR2)
Low Dropout Voltage ................................................ TYP. 0.22V(IOUT=150mA Output Voltage=3.0V Type)
High Ripple Rejection ............................................... TYP. 75dB(VOUT
≤2.4V), TYP. 70dB(VOUT≥2.5V) (f=1kHz)
........................................................................................... TYP. 65dB(VOUT
≤2.4V), TYP. 60dB(VOUT≥2.5V) (f=10kHz)
Low Temperature-Drift Coefficient of Output Voltage TYP. ±100ppm/
°C
Excellent Line Regulation ......................................... TYP. 0.02%/V
High Output Voltage Accuracy.................................. ±2.0%
Small Package ..........................................................SOT-23-6
Output Voltage...........................................................Stepwise setting with a step of 0.1V in the range of 1.5V to 4.0V is
possible
Built-in chip enable circuit (A/B: active high)
Built-in fold-back protection circuit ..........................TYP. 40mA (Current at short mode)
Ceramic Capacitor is recommended. (1
µF or more)
s APPLICATIONS
Power source for handheld communication equipment.
Power source for electrical appliances such as cameras, VCRs and camcorders.
Power source for battery-powered equipment.


Similar Part No. - R5323N001A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5323N001A RICOH-R5323N001A Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
More results

Similar Description - R5323N001A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
E-Tech Electronics LTD
LR3XXYYB ETL-LR3XXYYB Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB_15 Datasheet
307Kb / 8P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5323X RICOH-R5323X Datasheet
603Kb / 31P
   150mA 2ch LDO REGULATOR
R5325X RICOH-R5325X Datasheet
632Kb / 25P
   150mA 2ch LDO REGULATOR
logo
Unisonic Technologies
LR3XXYYB UTC-LR3XXYYB Datasheet
212Kb / 7P
   150mA 2CH LDO REGULATOR
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5326X RICOH-R5326X_07 Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
logo
Rohm
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com