Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1221N50AE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1221N50AE
Description  Step-down DC/DC Converter with Voltage Detector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1221N50AE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1221N50AE Datasheet HTML 7Page - RICOH electronics devices division R1221N50AE Datasheet HTML 8Page - RICOH electronics devices division R1221N50AE Datasheet HTML 9Page - RICOH electronics devices division R1221N50AE Datasheet HTML 10Page - RICOH electronics devices division R1221N50AE Datasheet HTML 11Page - RICOH electronics devices division R1221N50AE Datasheet HTML 12Page - RICOH electronics devices division R1221N50AE Datasheet HTML 13Page - RICOH electronics devices division R1221N50AE Datasheet HTML 14Page - RICOH electronics devices division R1221N50AE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
12345
Rev. 1.11
- 11 -
n TYPICAL CHARACTERISTCS
1) Output Voltage vs. Output Current
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
1E-05 0.0001 0.001
0.01
0.1
1
Output Current
IOUT(A)
12V
8V
4.5V
R1221N33AH
L=27uH
1.480
1.485
1.490
1.495
1.500
1.505
1.510
1.515
1.520
1E-05 0.0001 0.001
0.01
0.1
1
Output Current
IOUT(A)
13.2V
8V
5V
2.3V
R1221N15XH
L=27uH
2) Efficiency vs. Output Current
R1221N33AA(VIN=4.5V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current
IOUT(mA)
CD104-27uH
Si3443DV
R1221N33AA(VIN=12V)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current
IOUT(mA)
CD104-27uH
Si3443DV
R1221N33AC(VIN=4.5V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current IOUT
(mA)
CD104-27uH
Si3443DV
R1221N33AB(VIN=12V)
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current
IOUT(mA)
CD104-27uH
Si3443DV


Similar Part No. - R1221N50AE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A RICOH-R1223N152A Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152A-TR RICOH-R1223N152A-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C RICOH-R1223N152C Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1223N152C-TR RICOH-R1223N152C-TR Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
More results

Similar Description - R1221N50AE

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT763320 MDTIC-MDT763320 Datasheet
149Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763020 MDTIC-MDT763020 Datasheet
127Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT762720 MDTIC-MDT762720 Datasheet
128Kb / 5P
   Step-up DC/DC Converter with Voltage Detector
MDT763022 MDTIC-MDT763022 Datasheet
40Kb / 4P
   Step-up DC/DC Converter with Voltage Detector
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
logo
Holtek Semiconductor In...
HT7627 HOLTEK-HT7627 Datasheet
77Kb / 6P
   PFM Step-up DC/DC Converter & Voltage Detector
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com