Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5422N112E Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5422N112E
Description  Li-lon BATTERY PROTECTOR?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5422N112E Datasheet(HTML) 9 Page - RICOH electronics devices division

  R5422N112E Datasheet HTML 1Page - RICOH electronics devices division R5422N112E Datasheet HTML 2Page - RICOH electronics devices division R5422N112E Datasheet HTML 3Page - RICOH electronics devices division R5422N112E Datasheet HTML 4Page - RICOH electronics devices division R5422N112E Datasheet HTML 5Page - RICOH electronics devices division R5422N112E Datasheet HTML 6Page - RICOH electronics devices division R5422N112E Datasheet HTML 7Page - RICOH electronics devices division R5422N112E Datasheet HTML 8Page - RICOH electronics devices division R5422N112E Datasheet HTML 9Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev.0.01
- 9 -
n TYPICAL APPLICATION
5
2
3
1
6
0.1
mF
4
0.01
mF
1k
W
330
W
R5422N
n APPLICATION HINTS
R1 and C1 will stabilize a supply voltage to the R5422Nxxxx. A recommended R1 value is less than 1k
W.
A larger value of R1 leads higher detection voltage, makes some errors, because of shoot through current flowed in the
R5422Nxxxx.
R2 will stabilize a V- pin voltage. The resetting from over-discharge with connecting a charger possibly be disabled by larger
value of R2. Recommended value is less than 1 k
W.
R1 and R2 can operate also as a part of current limit circuit against for setting cell reverse direction or for applying excess
charging voltage to the R5422Nxxxx, battery pack, while smaller R1 and R2 may cause a power consumption over rating of
power dissipation of the R5422Nxxxx and a total of 'R1+R2' should be more than 1k
W.


Similar Part No. - R5422N112E

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-086 HAMMOND-R542-000-086 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-120 HAMMOND-R542-000-120 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5422N112E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com