Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5421N112C-TR Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R5421N112C-TR
Description  Li-lon BATTERY PROTECTOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5421N112C-TR Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R5421N112C-TR Datasheet HTML 5Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 6Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 7Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 8Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 9Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 10Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 11Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 12Page - RICOH electronics devices division R5421N112C-TR Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Rev.1.11
- 9 -
s OPERATION
q
VD1 / Over-Charge Detector in the 'C' version
The VD1 monitors VDD pin voltage. When the VDD voltage crosses over-charge detector threshold VDET1 from a low value to
a value higher than the VDET1, the VD1 can sense a over-charging and an external charge control Nch-MOS-FET turns to
“OFF” with COUT pin being at “Low” level.
There can be two cases to reset the VD1 making the COUT pin level to “High” again after detecting over-charge. Resetting
the VD1 can make charging system allowable to resumption of charging process.
The first case is in such conditions that a time when the VDD voltage is coming down to a level lower than “VREL1”.
While in the second case, connecting a kind of loading to VDD after disconnecting a charger from the battery pack can make
the VD1 resetting when the VDD level is in between “VDET1” and “VREL1”.
After detecting over-charge with the VDD voltage of higher than VDET1, connecting system load to the battery pack makes
load current allowable through parasitic diode of external charge control FET.
The COUT level would be High when the VDD level is coming down to a level below the VDET1 by continuous drawing of load
current.
An output delay time for over-charge detection can be set by external capacitor C3 connecting between the VSS pin and Ct
pin. The external capacitor can make a delay time from a moment detecting over-charge to a time output a signal which
enables charge control FET turn to “OFF”.
When the VDD level is going up to a higher level than VDET1 if the VDD voltage would be back to a level lower than the VDET1
within a time period of the output delay time, VD1 would not output a signal for turning “OFF” of charge control FET.
The output delay time can be calculated as below:
tVDET1[sec] = (C3[F]
× (VDD[V]-0.7) / (0.48 × 10-6)
Note:Topt=25°C VDD value should be after over-charge detection.
A level shifter incorporated in a buffer driver for the COUT pin makes the “Low” level of COUT pin to the V - pin voltage and
the “High” level of COUT pin is set to VDD voltage with CMOS buffer.
q
VD2 / Over-Discharge Detector
The VD2 is monitoring a VDD pin voltage. When the VDD voltage crosses the over-discharge detector threshold VDET2 from a
high value to a value lower than the VDET2, the VD2 can sense an over-discharging and the external discharge control Nch
MOS FET turns to “OFF” with the DOUT pin being at “Low” level.
To reset the VD2 with the DOUT pin level being “H” again after detecting over-discharge it is necessary to connect a charger
to the battery pack for R5421NxxxC. When the VDD voltage stays under over- discharge detector threshold VDET2 charge
current can flow through parasitic diode of external discharge control MOS FET, then after the VDD voltage comes up to a
value larger than VDET2, DOUT becomes "H" and discharging process would be able to advance through ON state MOS FET
for discharge control.
Connecting a charger to the battery pack makes the DOUT level being “H” instantaneously when the VDD voltage is higher
than VDET2.
Besides, for R5421NxxxF, when a cell voltage reaches equal or more than over-discharge released voltage, or VREL2, over-
discharge condition can be also released
When a cell voltage equals to zero, connecting charger to the battery pack makes the system allowable to charge with higher
charge voltage than Vst, 1.2V Max.
An output delay time for the over-discharge detection is fixed internally, tVDET2=10ms typ. at VDD=2.4V. When the VDD level
is going down to a lower level than VDET2 if the VDD voltage would be back to a level higher than the VDET2 within a time
period of the output delay time, VD2 would not output a signal for turning “OFF” of discharge control FET.
After detection of an over-discharge by VD2, supply current would be reduced to typically 0.3µA(for R5421NxxxC) or
1.0
µA(for R5421NxxxF) at VDD=2.0V and into standby, only the charger detector is operating.
The output type of DOUT pin is CMOS having “H” level of VDD and “L” level of VSS.


Similar Part No. - R5421N112C-TR

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R542-000-080 HAMMOND-R542-000-080 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-082 HAMMOND-R542-000-082 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-084 HAMMOND-R542-000-084 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-086 HAMMOND-R542-000-086 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
R542-000-120 HAMMOND-R542-000-120 Datasheet
53Kb / 3P
   ACCESSORIES For Technocase Enclosures
More results

Similar Description - R5421N112C-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
RN5VM111C RICOH-RN5VM111C Datasheet
180Kb / 25P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com