Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1210N501C-TL Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1210N501C-TL
Description  PWM Step-up DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N501C-TL Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1210N501C-TL Datasheet HTML 1Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 2Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 3Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 4Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 5Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 6Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 7Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 8Page - RICOH electronics devices division R1210N501C-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
R1210N××1×
2
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for portable communication appliances, cameras, VCRs
• Power source for appliances of which require higher voltage than battery voltage.
BLOCK DIAGRAM
Chip Enable
VLX limiter
Phase Comp.
PWM Controller
Buffer
OSC
fosc Control
Vref Circuit
5
2
4
VOUT
GND
1
CE
LX
SELECTION GUIDE
In the R1210N Series, the output voltage, the oscillator frequency, the optional function, and the taping type for the
ICs can be selected at the user’s request.
The selection can be made by designating the part number as shown below ;
R1210N××1×-××
↑↑ ↑
ab c
Code
Contents
a
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 2.2V to 6.0V (for ××1C/D version) or
2.2V to 3.5V (for ××1A version) is possible.
b
Designation of Oscillator Frequency
A : 100kHz with a Frequency Change-over circuit
C : 100kHz without a Frequency Change-over circuit
D : 180kHz without a Frequency Change-over circuit
c
Designation of Taping Type; Ex. :TR, TL (refer to Taping Specification)
“TR” is prescribed as a standard.


Similar Part No. - R1210N501C-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N501C RICOH-R1210N501C Datasheet
28Kb / 1P
   POWER MANAGEMENT ICs MARK INFORMATIONS R1210N SERIES MARK SPECIFICATION
More results

Similar Description - R1210N501C-TL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
RH5RH301A RICOH-RH5RH301A Datasheet
199Kb / 29P
   PWM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com