Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RK501A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RN5RK501A
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK501A Datasheet(HTML) 3 Page - RICOH electronics devices division

  RN5RK501A Datasheet HTML 1Page - RICOH electronics devices division RN5RK501A Datasheet HTML 2Page - RICOH electronics devices division RN5RK501A Datasheet HTML 3Page - RICOH electronics devices division RN5RK501A Datasheet HTML 4Page - RICOH electronics devices division RN5RK501A Datasheet HTML 5Page - RICOH electronics devices division RN5RK501A Datasheet HTML 6Page - RICOH electronics devices division RN5RK501A Datasheet HTML 7Page - RICOH electronics devices division RN5RK501A Datasheet HTML 8Page - RICOH electronics devices division RN5RK501A Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RN5RK
××1A/××1B/××2A
2
BLOCK DIAGRAM
+
2
5
1
Vref
VOUT
GND
CE
-
5
4
VLX Limiter
Buffer
VFM Control
OSC 100kHz
Chip Enable
EXT*
Lx*
*)
LX pin: only for RN5RK
××4$2××4%
SELECTION GUIDE
7KH#RXWSXW#YROWDJH/#WKH#GULYHU#W\SH/#WKH#GXW\#F\FOH#DQG#WKH#WDSLQJ#W\SH#IRU#WKH#,&V#FDQ#EH#VHOHFWHG#DW#WKH#XVHU*V#UH0
TXHVW1
7KH#VHOHFWLRQ#FDQ#EH#PDGH#E\#GHVLJQDWLQJ#WKH#SDUW#QXPEHU#DV#VKRZQ#EHORZ=
5185.#××××0××#←3DUW#1XPEHU
↑↑↑ ↑
DE F G
Code
Contents
D
6HWWLQJ#2XWSXW#9ROWDJH#+9287,#=
6WHSZLVH#VHWWLQJ#ZLWK#D#VWHS#RI#3149#LQ#WKH#UDQJH#RI#5139#WR#8189#LV#SRVVLEOH1
E
'HVLJQDWLRQ#RI#'ULYHU
4=#,QWHUQDO#/[#7U1#'ULYHU
5=#([WHUQDO#7U1#'ULYHU
F
'HVLJQDWLRQ#RI#'XW\#&\FOH
$=#::(
%=#88(
G
'HVLJQDWLRQ#RI#7DSLQJ#W\SH
([1#75/#7/#+UHIHU#WR#7DSLQJ#6SHFLILFDWLRQV/#75#W\SH#LV#SUHVFULEHG#DV#D#VWDQGDUG1,


Similar Part No. - RN5RK501A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RK501A-TL RICOH-RN5RK501A-TL Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
RN5RK501A-TR RICOH-RN5RK501A-TR Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
More results

Similar Description - RN5RK501A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RKXX1A RICOH-RN5RKXX1A Datasheet
1Mb / 22P
   SOT-23-5 VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261_07 Datasheet
153Kb / 12P
   VFM Step-Up DC/DC Converter
logo
RICOH electronics devic...
RH5RI301B RICOH-RH5RI301B Datasheet
179Kb / 24P
   VFM STEP-UP DC/DC CONVERTER?
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B_07 Datasheet
127Kb / 8P
   VFM Step-Up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RH5RIXX1B RICOH-RH5RIXX1B Datasheet
178Kb / 24P
   VFM STEP-UP DC/DC CONVERTER
logo
Richtek Technology Corp...
RT9261B RICHTEK-RT9261B Datasheet
193Kb / 10P
   VFM Step-up DC/DC Converter
logo
RICOH electronics devic...
RN5RY202 RICOH-RN5RY202 Datasheet
59Kb / 9P
   VFM STEP-UP DC/DC CONVERTER CONTROLLER
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
   MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com