Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VM112D Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RN5VM112D
Description  Li-lon BATTERY PROTECTOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VM112D Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RN5VM112D Datasheet HTML 7Page - RICOH electronics devices division RN5VM112D Datasheet HTML 8Page - RICOH electronics devices division RN5VM112D Datasheet HTML 9Page - RICOH electronics devices division RN5VM112D Datasheet HTML 10Page - RICOH electronics devices division RN5VM112D Datasheet HTML 11Page - RICOH electronics devices division RN5VM112D Datasheet HTML 12Page - RICOH electronics devices division RN5VM112D Datasheet HTML 13Page - RICOH electronics devices division RN5VM112D Datasheet HTML 14Page - RICOH electronics devices division RN5VM112D Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7
RN5VM1
××C/D
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDD1
Operating input voltage
Voltage defined as VDD–VSS
1.5
10
V
Vst
Minimum operating voltage
Voltage defined as VDD–V-,
1.2
V
for 0V charging
VDD–Vss=0V
VDET1
Over-charge threshold voltage
Detect rising edge of supply voltage
4.20
4.25
4.30
V
VHYS1
Over-charge threshold hysteresis range
0.15
0.20
0.25
V
tVDET1
Output delay time of over-charge
C3=0.01µF, VDD=3.6V
→ 4.3V
50
75
100
ms
VDET2
Over-discharge threshold voltage
Detect falling edge of supply voltage
2.437
2.500
2.563
V
tVDET2
Output delay time of over-discharge
VDD=3.6V
→ 2.4V
7
10
13
ms
VDET3
Excess current threshold voltage
Detect rising edge of “V-” pin voltage
0.17
0.20
0.23
V
tVDET3
Output delay time of excess current
VDD=3.0V
9
13
17
ms
Vshort
Short detection voltage
VDD=3.0V
VDD–1.1 VDD–0.8 VDD–0.5
V
tshort
Output delay time of short detection
VDD=3.0V
5
50
µs
Rshort
Reset resistance for
VDD=3.6V, V-=1.0V
50
100
150
k
excess current protection
VOL1
Nch ON voltage of COUT
IOL=50µA, VDD=4.4V
0.2
0.5
V
VOH1
Pch ON voltage of COUT
IOH=–50µA, VDD=3.9V
3.4
3.8
V
VOL2
Nch ON voltage of DOUT
IOL=50µA, VDD=2.4V
0.2
0.5
V
VOH2
Pch ON voltage of DOUT
IOH=–50µA, VDD=3.9V
3.4
3.7
V
IDD
Supply current
VDD=3.9V, V-=0V
3.0
6.0
µA
Istandby
Standby current
VDD=2.0V
0.3
0.6
µA
Topt=25˚C
*) Please refer to Test Circuit unless otherwise specified.
• RN5VM111D


Similar Part No. - RN5VM112D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA RICOH-RN5VD09AA Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TL RICOH-RN5VD09AA-TL Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AA-TR RICOH-RN5VD09AA-TR Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
RN5VD09AC RICOH-RN5VD09AC Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
More results

Similar Description - RN5VM112D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9541 ETC-RT9541 Datasheet
194Kb / 8P
   LI LON BATTERY PROTECTOR
logo
RICOH electronics devic...
R5422N111C RICOH-R5422N111C Datasheet
85Kb / 9P
   Li-lon BATTERY PROTECTOR?
R5421N111C RICOH-R5421N111C Datasheet
147Kb / 19P
   Li-lon BATTERY PROTECTOR
logo
Taiwan Memory Technolog...
T63H0006B TMT-T63H0006B Datasheet
52Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Semiconductor Co...
TS2208 TSC-TS2208 Datasheet
107Kb / 6P
   Li-Ion Battery Protector
logo
List of Unclassifed Man...
SC451XX ETC-SC451XX Datasheet
209Kb / 13P
   LI-ION BATTERY PROTECTOR
logo
Taiwan Semiconductor Co...
TS2207 TSC-TS2207 Datasheet
152Kb / 6P
   Li-Ion Battery Protector
logo
Taiwan Memory Technolog...
T63H0001A TMT-T63H0001A Datasheet
55Kb / 7P
   Li-Ion Battery Protector
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
SHOUDING Shouding Semic...
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
   Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com