Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192030386 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192030386
Description  Krimptite??Temp-Term Butt Splice for 12-10 AWG Wire, 483째C (900째 F), Loose Piece
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192030386 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192030386 Datasheet HTML 1Page - Molex Electronics Ltd. 0192030386 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192030386
Status:
Active
Description:
Krimptite™ Temp-Term Butt Splice for 12-10 AWG Wire, 483°C (900° F), Loose Piece
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
19203
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™
Physical
Barrel Type
Closed
Insulation
None
Packaging Type
Bag
Temperature Range - Operating
483°C
Wire Insulation Diameter
5.80mm (0.230")
Wire Size AWG
10, 12
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19203-015
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19203Series
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0192030386

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030384 MOLEX4-0192030384 Datasheet
87Kb / 2P
   Krimptite??Temp-Term Butt Splice for 18-22 AWG Wire, 483째C (900째 F), Loose Piece
0192030385 MOLEX4-0192030385 Datasheet
87Kb / 2P
   Krimptite??Temp-Term Butt Splice for 14-16 AWG Wire, 483째C (900째 F), Loose Piece
More results

Similar Description - 0192030386

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192030384 MOLEX4-0192030384 Datasheet
87Kb / 2P
   Krimptite??Temp-Term Butt Splice for 18-22 AWG Wire, 483째C (900째 F), Loose Piece
0192030385 MOLEX4-0192030385 Datasheet
87Kb / 2P
   Krimptite??Temp-Term Butt Splice for 14-16 AWG Wire, 483째C (900째 F), Loose Piece
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0192150028 MOLEX4-0192150028 Datasheet
85Kb / 2P
   VersaKrimp??Butt Splice for 10-12 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com