Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RZ30AC Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RN5RZ30AC
Description  LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ30AC Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RN5RZ30AC Datasheet HTML 3Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 4Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 5Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 6Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 7Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 8Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 9Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 10Page - RICOH electronics devices division RN5RZ30AC Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
RN5RZ
4
ELECTRICAL CHARACTERISTICS
• RN5RZ
××A Series
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VOUT
Output Voltage
VIN=VOUT+1V, IOUT=30mA
×0.98
×1.02
V
IOUT
Output Current
VIN=VOUT+1V
100
mA
When VOUT=VOUT–0.1V
∆VOUT
Load Regulation
VIN=VOUT+1V
20
40
mV
∆IOUT
1mA
≤IOUT≤80mA
VDIF
Dropout Voltage
IOUT=60mA
0.2
0.3
V
ISS
Supply Current
VIN=VOUT+1V
20
40
µA
Istandby
Supply Current (Standby)
VIN=VCE=VOUT+1V
0.1
1.0
µA
∆VOUT
Line Regulation
IOUT=30mA
0.05
0.20
%/V
∆VIN
VOUT+0.5V
≤VIN≤8V
RR
Ripple Rejection
f=1kHz, Ripple 0.5Vrms
55
dB
VIN=VOUT+1V
VIN
Input Voltage
8
V
∆VOUT
Output Voltage
IOUT=30mA
±100
ppm/˚C
∆Topt
Temperature Coefficient
–40˚C
≤Topt≤85˚C
Ilim
Short Current Limit
VOUT=0V
50
mA
RPU
CE Pull-up Resistance
2.5
5
10
M
VCEH
CE Input Voltage “H”
1.5
V
VCEL
CE Input Voltage “L”
0
0.25
V
Topt=25˚C


Similar Part No. - RN5RZ30AC

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ30AA-TR-FE RICOH-RN5RZ30AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results

Similar Description - RN5RZ30AC

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com