Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192020039 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192020039
Description  Funnel Entry Butt Splice for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192020039 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192020039 Datasheet HTML 1Page - Molex Electronics Ltd. 0192020039 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020039
Status:
Active
Description:
Funnel Entry Butt Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Funnel Entry
Physical
Barrel Type
Closed
Insulation
Nylon (PA)
Material - Metal
Copper
Packaging Type
Adhesive Tape on Reel
Wire Insulation Diameter
6.65mm (.262") max. Funnel End, 7.01mm (.276") max.
Wire Size AWG
10, 12
Material Info
Old Part Number
C-946-DK
Reference - Drawing Numbers
Sales Drawing
SD-19202-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640015000
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640055000
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0192020039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020031 MOLEX4-0192020031 Datasheet
106Kb / 3P
   Nylakrimp??Butt Splice for 14-16 AWG Wire
0192020035 MOLEX4-0192020035 Datasheet
109Kb / 3P
   BUTT SPLICE TAPED (BS-N-331T)
More results

Similar Description - 0192020039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192020046 MOLEX4-0192020046 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 10-12 AWG Wire
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
   Funnel Entry Butt Splice for 18-22 AWG Wire
0192020027 MOLEX4-0192020027 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 14-16 AWG Wire
0192020019 MOLEX4-0192020019 Datasheet
89Kb / 3P
   Butt - Funnel Entry Splice for 14-16 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com