Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-245X Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-245X
Description  InsulKrimp??Butt Splice for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

A-245X Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-245X Datasheet HTML 1Page - Molex Electronics Ltd. A-245X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - A-245X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-245XT MOLEX4-A-245XT Datasheet
94Kb / 2P
   BUTT SPLICE INSULKRIMP TAPED (A-245XT)
More results

Similar Description - A-245X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
0191990007 MOLEX4-0191990007 Datasheet
115Kb / 2P
   Butt - Window Splice for 18-22 AWG Wire
0192150009 MOLEX4-0192150009 Datasheet
87Kb / 2P
   VersaKrimp??Butt Splice for 18-22 AWG Wire
0191540045 MOLEX4-0191540045 Datasheet
80Kb / 2P
   InsulKrimp??Butt Splice for 6 AWG Wire
0191540049 MOLEX4-0191540049 Datasheet
83Kb / 2P
   InsulKrimp??Butt Splice for 2 AWG Wire
0191540048 MOLEX4-0191540048 Datasheet
81Kb / 2P
   InsulKrimp??Butt Splice for 4 AWG Wire
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
   Funnel Entry Butt Splice for 18-22 AWG Wire
0192000002 MOLEX4-0192000002 Datasheet
118Kb / 2P
   Avikrimp??Seamless Butt Splice for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com