Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RF30AA-TL Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RN5RF30AA-TL
Description  LOW RIPPLE VOLTAGE REGULATOR WITH EXTERNAL TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RF30AA-TL Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RN5RF30AA-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 11Page - RICOH electronics devices division RN5RF30AA-TL Datasheet HTML 12Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RN5RF
10
7)
Ripple Rejection vs. Frequency (Topt=25°C)
RN5RF30A
RN5RF50A
80
70
50
60
40
20
30
10
0
Frequency (kHz)
0.01
0.1
1
10
100
VIN=4Vdc+0.5Vp-p,IOUT=100mA,CL=10
µF
80
70
50
60
40
20
30
10
0
Frequency (kHz)
0.01
0.1
1
10
100
VIN=6Vdc+0.5Vp-p,IOUT=100mA,CL=10
µF
8)
Line Transient Response (Topt=25°C)
RN5RF30A
RN5RF50A
6
5
4
3
2
1
0
Time T(
µs)
-50
0
-25
25
50
75
100 125 150
IOUT=300mA,CL=10
µF
3.3
3.2
3.1
3
2.9
2.8
2.7
Input Voltage
Output Voltage
8
7
6
5
4
3
2
Time T(
µs)
-50
0
-25
25
50
75
100 125 150
IOUT=300mA,CL=10
µF
5.3
5.2
5.1
5
4.9
4.8
4.7
Input Voltage
Output Voltage
9)
Load Transient Response (Topt=25°C)
RN5RF30A
RN5RF50A
200
100
0
-100
-200
-300
-400
3.3
3.2
3.1
3
2.9
2.8
2.7
Time T(
µs)
-100
0
100
200
300
400
VIN=4V,CL=10
µF
Output Current
Output Voltage
200
100
0
-100
-200
-300
-400
Time T(
µs)
-100
0
100
200
300
400
VIN=6V,CL=10
µF
5.3
5.2
5.1
5
4.9
4.8
4.7
Output Current
Output Voltage


Similar Part No. - RN5RF30AA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
More results

Similar Description - RN5RF30AA-TL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
   VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Seiko Instruments Inc
S-816 SII-S-816 Datasheet
645Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-816 ABLIC-S-816 Datasheet
662Kb / 24P
   EXTERNAL TRANSISTOR TYPE CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com