Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191390015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191390015
Description  Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 10
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191390015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191390015 Datasheet HTML 1Page - Molex Electronics Ltd. 0191390015 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191390015
Status:
Active
Description:
Avikrimp™ Block Spade Terminal for 18-22 AWG Wire, Stud Size 10
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19139
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Spade Block
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
10 (M5)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.56mm (.140")
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
AA-834-10
Reference - Drawing Numbers
Sales Drawing
SD-19139-001
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19139Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011200
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051200
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0191390015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191390011 MOLEX4-0191390011 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291")
0191390013 MOLEX4-0191390013 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191390016 MOLEX4-0191390016 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 4
0191390018 MOLEX4-0191390018 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245")
More results

Similar Description - 0191390015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191390016 MOLEX4-0191390016 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 4
0191270012 MOLEX4-0191270012 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 10
0191390003 MOLEX4-0191390003 Datasheet
69Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191390006 MOLEX4-0191390006 Datasheet
84Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191980071 MOLEX4-0191980071 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 06
0191390013 MOLEX4-0191390013 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire
0191390018 MOLEX4-0191390018 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 6.22mm(.245")
0191390011 MOLEX4-0191390011 Datasheet
92Kb / 2P
   Avikrimp??Block Spade Terminal for 18-22 AWG Wire, Stud Size 6, Width 7.39mm(.291")
0191270010 MOLEX4-0191270010 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 8
0191270007 MOLEX4-0191270007 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com