Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145554 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC145554
Description  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145554 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC145554 Datasheet HTML 6Page - Motorola, Inc MC145554 Datasheet HTML 7Page - Motorola, Inc MC145554 Datasheet HTML 8Page - Motorola, Inc MC145554 Datasheet HTML 9Page - Motorola, Inc MC145554 Datasheet HTML 10Page - Motorola, Inc MC145554 Datasheet HTML 11Page - Motorola, Inc MC145554 Datasheet HTML 12Page - Motorola, Inc MC145554 Datasheet HTML 13Page - Motorola, Inc MC145554 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
10
TSX
td(BTS)
tw(M)
tw(M)
td(ZC)
MCLKX
MCLKR
BCLKX
th(BF)
tsu(F)
th(F)
td(BD)
tsu(BRM)
tw(B)
tw(B)
1
2
3
4
5
6
8
9
FSX
DX
td(ZC)
MSB
CH1
CH2
CH3
ST1
ST2
ST3
LSB
BCLKR
th(BF)
tsu(F)
th(F)
FSR
DR
1
2
3
4
5
6
7
8
9
MSB
CH1
CH2
CH3
ST1
ST2
ST3
LSB
tsu(DB)
th(BD)
th(BD)
7
tsu(MFB)
Figure 1. Short Frame Sync Timing


Similar Part No. - MC145554

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

Similar Description - MC145554

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com