Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145554 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC145554
Description  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145554 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC145554 Datasheet HTML 7Page - Motorola, Inc MC145554 Datasheet HTML 8Page - Motorola, Inc MC145554 Datasheet HTML 9Page - Motorola, Inc MC145554 Datasheet HTML 10Page - Motorola, Inc MC145554 Datasheet HTML 11Page - Motorola, Inc MC145554 Datasheet HTML 12Page - Motorola, Inc MC145554 Datasheet HTML 13Page - Motorola, Inc MC145554 Datasheet HTML 14Page - Motorola, Inc MC145554 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
11
MCLKX
MCLKR
tsu(BRM)
tsu(MFB)
BCLKX
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
th(BF)
tsu(FB)
th(BFI)
FSX
td(ZF)
td(ZF)
td(BD)
td(ZC)
td(ZC)
DX
MSB
CH1
CH2
CH3
ST1
ST2
ST3
LSB
MSB
CH1
CH2
CH3
ST1
ST2
ST3
LSB
BCLKR
th(BF)
th(BFI)
FSR
DR
tsu(DB)
th(BD)
th(BD)
tsu(FB)
Figure 2. Long Frame Sync Timing


Similar Part No. - MC145554

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

Similar Description - MC145554

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com