Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191440020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191440020
Description  InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191440020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191440020 Datasheet HTML 1Page - Molex Electronics Ltd. 0191440020 Datasheet HTML 2Page - Molex Electronics Ltd. 0191440020 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191440020
Status:
Active
Description:
InsulKrimp™ Spade Tongue Terminal for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19144
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Spade
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Stud Size
8 (M4)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
4.40mm (.175") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Material Info
Old Part Number
BB-224-08X
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19144-001
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19144Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400


Similar Part No. - 0191440020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191440024 MOLEX4-0191440024 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440026 MOLEX4-0191440026 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
More results

Similar Description - 0191440020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191440018 MOLEX4-0191440018 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440026 MOLEX4-0191440026 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440015 MOLEX4-0191440015 Datasheet
149Kb / 3P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191440024 MOLEX4-0191440024 Datasheet
148Kb / 2P
   InsulKrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191210029 MOLEX4-0191210029 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 14-16 AWG Wire
0190990032 MOLEX4-0190990032 Datasheet
64Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190990025 MOLEX4-0190990025 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190990034 MOLEX4-0190990034 Datasheet
63Kb / 2P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190990027 MOLEX4-0190990027 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0191310014 MOLEX4-0191310014 Datasheet
78Kb / 3P
   InsulKrimp??Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,InsulKrimp??Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com