Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0192150009 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0192150009
Description  VersaKrimp??Butt Splice for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0192150009 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0192150009 Datasheet HTML 1Page - Molex Electronics Ltd. 0192150009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0192150009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150013 MOLEX4-0192150013 Datasheet
107Kb / 2P
   Step Down Butt Splice for 14-22 AWG Wire
0192150018 MOLEX4-0192150018 Datasheet
87Kb / 2P
   VersaKrimp??Butt Splice for 14-16 AWG Wire
0192150023 MOLEX4-0192150023 Datasheet
107Kb / 2P
   Step Down Butt Splice for 10-16 AWG Wire
0192150027 MOLEX4-0192150027 Datasheet
107Kb / 2P
   12-10 TO 16-14 STEP DN BUTT TP (CB-346T)
0192150028 MOLEX4-0192150028 Datasheet
85Kb / 2P
   VersaKrimp??Butt Splice for 10-12 AWG Wire
More results

Similar Description - 0192150009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192150046 MOLEX4-0192150046 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 2 AWG Wire
0192150040 MOLEX4-0192150040 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 6 AWG Wire
0192020013 MOLEX4-0192020013 Datasheet
105Kb / 3P
   Nylakrimp??Butt Splice for 18-22 AWG Wire
0191540011 MOLEX4-0191540011 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
0191540004 MOLEX4-0191540004 Datasheet
91Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
0191990007 MOLEX4-0191990007 Datasheet
115Kb / 2P
   Butt - Window Splice for 18-22 AWG Wire
0192150045 MOLEX4-0192150045 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 4 AWG Wire
0192150034 MOLEX4-0192150034 Datasheet
72Kb / 3P
   VersaKrimp??Butt Splice for 8 AWG Wire
0192070001 MOLEX4-0192070001 Datasheet
100Kb / 2P
   VersaKrimp??Parallel Splice for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com