Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191640056 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0191640056
Description  Perma-Seal??Butt Splice for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191640056 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0191640056 Datasheet HTML 1Page - Molex Electronics Ltd. 0191640056 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0191640056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640050 MOLEX4-0191640050 Datasheet
114Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle
0191640051 MOLEX4-0191640051 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 14-16 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032"), Mylar Tape Carrier
0191640052 MOLEX4-0191640052 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 18-22 AWG Wire, Diameter 3.96mm (.156")
0191640053 MOLEX4-0191640053 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 18-22 AWG Wire, Diameter 4.57mm (.180")
0191640054 MOLEX4-0191640054 Datasheet
98Kb / 2P
   Perma-Seal??Snap Plug Receptacle for 14-16 AWG Wire, Diameter 3.96mm (.156")
More results

Similar Description - 0191640056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640057 MOLEX4-0191640057 Datasheet
109Kb / 3P
   Perma-Seal??Butt Splice for 10-12 AWG Wire
0191640079 MOLEX4-0191640079 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 8 AWG Wire
0191640044 MOLEX4-0191640044 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 14-16 AWG Wire
0191640013 MOLEX4-0191640013 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 18-22 AWG Wire
191640077 MOLEX-191640077 Datasheet
51Kb / 1P
   STEP DOWN BUTT SPLICE PERMA-SEAL NIAC 12-10 AWG 16-14 AWG
0191640014 MOLEX4-0191640014 Datasheet
109Kb / 3P
   Perma-Seal??Butt Splice for 18-22 AWG Wire, Mylar Tape Carrier
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191640077 MOLEX4-0191640077 Datasheet
83Kb / 2P
   Perma-Seal??Step Down Butt Splice from 10-12 AWG to 14-16 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com