Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RT60AC-TR Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RN5RT60AC-TR
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RT60AC-TR Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RN5RT60AC-TR Datasheet HTML 7Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 8Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 9Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 10Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 11Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 12Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 13Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 14Page - RICOH electronics devices division RN5RT60AC-TR Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RN5RT
10
OPERATION
2
5
3
1
Vref
VOUT
GND
VDD
+
CE
Current Limit
R1
R2
In these ICs, Output Voltage VOUT is detected by Feed-back Registers R1, R2, and the detected Output Voltage is
compared with a reference voltage by Error Amplifier, so that a constant voltage is output.
A current limit circuit working for Short Protect and a chip enable circuit for standby function are included.
TEST CIRCUITS
IOUT
VDD
VOUT
1
CE
3
C2
C1
5
2
GND
VIN
C1, C2=1µF
VDD
VOUT
1
CE
3
C1
5
2
GND
C1=1µF
ISS
A
Fig.1 Standard Test Circuit
Fig.2 Supply Current Test Circuit
IOUT
VDD
VOUT
1
CE
3
C1
5
2
GND
VIN
C1=1
µF
P.G.
Fig.3 Line Transient Response Test Circuit


Similar Part No. - RN5RT60AC-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RT60AA-TR-FE RICOH-RN5RT60AA-TR-FE Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
More results

Similar Description - RN5RT60AC-TR

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com