Electronic Components Datasheet Search |
|
RN5RZ33LC-TR Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
RN5RZ33LC-TR Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 24 page RN5RZ 4 ELECTRICAL CHARACTERISTICS • RN5RZ ××A Series Symbol Item Conditions MIN. TYP. MAX. Unit VOUT Output Voltage VIN=VOUT+1V, IOUT=30mA ×0.98 ×1.02 V IOUT Output Current VIN=VOUT+1V 100 mA When VOUT=VOUT–0.1V ∆VOUT Load Regulation VIN=VOUT+1V 20 40 mV ∆IOUT 1mA ≤IOUT≤80mA VDIF Dropout Voltage IOUT=60mA 0.2 0.3 V ISS Supply Current VIN=VOUT+1V 20 40 µA Istandby Supply Current (Standby) VIN=VCE=VOUT+1V 0.1 1.0 µA ∆VOUT Line Regulation IOUT=30mA 0.05 0.20 %/V ∆VIN VOUT+0.5V ≤VIN≤8V RR Ripple Rejection f=1kHz, Ripple 0.5Vrms 55 dB VIN=VOUT+1V VIN Input Voltage 8 V ∆VOUT Output Voltage IOUT=30mA ±100 ppm/˚C ∆Topt Temperature Coefficient –40˚C ≤Topt≤85˚C Ilim Short Current Limit VOUT=0V 50 mA RPU CE Pull-up Resistance 2.5 5 10 M Ω VCEH CE Input Voltage “H” 1.5 V VCEL CE Input Voltage “L” 0 0.25 V Topt=25˚C |
Similar Part No. - RN5RZ33LC-TR |
|
Similar Description - RN5RZ33LC-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |