Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74503 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74503
Description  11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

74503 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74503 Datasheet HTML 1Page - Molex Electronics Ltd. 74503 Datasheet HTML 2Page - Molex Electronics Ltd. 74503 Datasheet HTML 3Page - Molex Electronics Ltd. 74503 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0387406103
Status:
Active
Description:
11.11mm (.437") Pitch Beau™ PCB Fixed Mount Barrier Terminal Strip, Low Profile,
300V, 3 Circuits
Documents:
3D Model
Product Specification PS-38730-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38740
Application
Wire-to-Board
Component Type
One Piece
Product Name
Fixed Mount Barrier
Type
Barrier Strip
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Horizontal
PC Tail Length (in)
0.216 In
PC Tail Length (mm)
5.50 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.437 In
Pitch - Mating Interface (mm)
11.11 mm
Pitch - Term. Interface (in)
0.437 In
Pitch - Term. Interface (mm)
11.11 mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
74503
Reference - Drawing Numbers
Product Specification
PS-38730-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38740Series


Similar Part No. - 74503

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74503 MOLEX11-74503 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
logo
Myrra
74503 MYRRA-74503 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com