Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42892-0081 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-42892-0081
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 3 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-42892-0081 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-42892-0081 Datasheet HTML 1Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 2Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 3Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 4Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 5Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 6Page - Molex Electronics Ltd. A-42892-0081 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0428920081
Status:
Active
Description:
3.96mm (.156") Pitch KK® Solid Header, Right Angle, Friction Lock, with Snap-in
Plastic Peg PCB Lock, 3 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42892
Application
Wire-to-Board
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Partial
Stackable
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42892Series
Mates With
3069 , 2139 , 2145 , 6442 , 7674 , 7675 ,
41695 , L ink:41815


Similar Part No. - A-42892-0081

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42892-0085 MOLEX5-A-42892-0085 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 7 Circuits
A-42892-0086 MOLEX5-A-42892-0086 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 8 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
A-42892-0087 MOLEX5-A-42892-0087 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 9 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com