Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41661-B03A208 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-41661-B03A208
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41661-B03A208 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button A-41661-B03A208 Datasheet HTML 2Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 3Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 4Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 5Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 6Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 7Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 8Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 9Page - Molex Electronics Ltd. A-41661-B03A208 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-21(102)
PIN NUMBER
2161-36(501)
PIN NUMBER
2161-95(102)
PIN NUMBER
2161-7(102)
PIN LENGTH
28.58/1.125
PIN LENGTH
30.48/1.200
PIN LENGTH
37.24/1.468
PIN LENGTH
34.67/1.562
PLATING
102
PLATING
501
PLATING
102
PLATING
102
MATING “M”
20.96/.825
MATING “M”
24.21/.953
MATING “M”
13.97/.550
MATING “M”
33.40/1.315
PCB “P”
4.37/.172
PCB “P”
3.02/.119
PCB “P”
20.07/.790
PCB “P”
3.10/.122
GOLD “G”
N/A
GOLD “G”
OVERALL
GOLD “G”
N/A
GOLD “G”
N/A
TIN “T”
OVERALL
TIN “T”
N/A
TIN
“T”
OVERALL
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANF102-*
A-41661-ANE501-*
A-41661-ANH102-*
A-41661-ANL102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-48-4021
-A2F102
41661-0127
-A2E501
41661-0146
-A2H102
26-48-9021
-A2L102
26-48-4031
-A3F102
41661-0128
-A3E501
41661-0147
-A3H102
26-48-9031
-A3L102
26-48-4041
-A4F102
41661-0129
-A4E501
41661-0148
-A4H102
41661-0167
-A4L102
41661-0113
-A5F102
41661-0130
-A5E501
41661-0149
-A5H102
26-48-9051
-A5L102
26-48-4061
-A6F102
41661-0131
-A6E501
26-48-8061
-A6H102
26-48-9061
-A6L102
41661-0114
-A7F102
41661-0132
-A7E501
41661-0150
-A7H102
26-48-9071
-A7L102
26-48-4081
-A8F102
26-48-3081
-A8E501
41661-0151
-A8H102
41661-0168
-A8L102
41661-0115
-A9F102
41661-0133
-A9E501
41661-0152
-A9H102
41661-0169
-A9L102
26-48-4101
-A10F102
41661-0134
-A10E501
41661-0153
-A10H102
41661-0170
-A10L102
26-48-4111
-A11F102
41661-0135
-A11E501
41661-0154
-A11H102
41661-0171
-A11L102
41661-0116
-A12F102
26-48-3121
-A12E501
41661-0155
-A12H102
41661-0172
-A12L102
41661-0117
-A13F102
26-48-3131
-A13E501
26-48-8131
-A13H102
41661-0173
-A13L102
41661-0118
-A14F102
41661-0136
-A14E501
41661-0156
-A14H102
41661-0174
-A14L102
26-48-4151
-A15F102
41661-0137
-A15E501
41661-0157
-A15H102
41661-0175
-A15L102
41661-0119
-A16F102
41661-0138
-A16E501
41661-0158
-A16H102
41661-0176
-A16L102
41661-0120
-A17F102
41661-0139
-A17E501
41661-0159
-A17H102
41661-0177
-A17L102
41661-0121
-A18F102
41661-0140
-A18E501
41661-0160
-A18H102
41661-0178
-A18L102
41661-0122
-A19F102
41661-0141
-A19E501
41661-0161
-A19H102
41661-0179
-A19L102
41661-0123
-A20F102
41661-0142
-A20E501
41661-0162
-A20H102
41661-0180
-A20L102
41661-0124
-A21F102
41661-0143
-A21E501
41661-0163
-A21H102
41661-0181
-A21L102
41661-0125
-A22F102
41661-0144
-A22E501
41661-0164
-A22H102
41661-0182
-A22L102
41661-0126
-A23F102
41661-0145
-A23E501
41661-0165
-A23H102
41661-0183
-A23L102
26-48-4241
-A24F102
26-48-3241
-A24E501
41661-0166
-A24H102
26-48-9241
-A24L102


Similar Part No. - A-41661-B03A208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41661-B03A208 MOLEX11-A-41661-B03A208 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com