Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD28AA-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RN5VD28AA-TR
Description  VOLTAGE DETECTOR WITH OUTPUT DELAY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5VD28AA-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  RN5VD28AA-TR Datasheet HTML 1Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 2Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 3Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 4Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 5Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 6Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 7Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 8Page - RICOH electronics devices division RN5VD28AA-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
RN5VD
×××××× ← Part Number
↑↑ ↑ ↑
ab c
d
SELECTION GUIDE
The detector threshold, the output type, the packing type, and the taping type of RN5VD Series can be desig-
nating at the user's request by specifying the part number as follows :
For example, the Product with Detector Threshold 3.5V, Output Type Nch Open Drain and Taping Type TR,
is designated by Part Number RN5VD35AA-TR.
Code
a
Setting Detector Threshold (–VDET) :
Stepwise setting with a step of 0.1V in the range of 0.9V to 6.0V is possible.
b
Designation of Output Type
A: Nch Open Drain
C: CMOS
c
Designation of Packing Type
A: Taping
C: Antistatic bag for samples
d
Designation of Taping Type:
Ex. SOT-23-5: TR, TL
(refer to Taping Specification)
“TR” is prescribed as a standard.
Contents
RN5VD
3


Similar Part No. - RN5VD28AA-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VL27A RICOH-RN5VL27A Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RF RICOH-RN5VL27A-RF Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-RR RICOH-RN5VL27A-RR Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T1 RICOH-RN5VL27A-T1 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
RN5VL27A-T2 RICOH-RN5VL27A-T2 Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
More results

Similar Description - RN5VD28AA-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
TC51N2702ECBTR MICROCHIP-TC51N2702ECBTR Datasheet
449Kb / 14P
   1UA Voltage Detector with Output Delay
05/01/02
logo
RICOH electronics devic...
R3112X RICOH-R3112X Datasheet
951Kb / 30P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3115Z RICOH-R3115Z Datasheet
884Kb / 28P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
R3112X091A RICOH-R3112X091A Datasheet
267Kb / 16P
   LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Microchip Technology
TC51 MICROCHIP-TC51 Datasheet
499Kb / 14P
   1關A Voltage Detector with Output Delay
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com