Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6L0908C2A Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6L0908C2A
Description  64Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6L0908C2A Datasheet(HTML) 2 Page - Samsung semiconductor

  K6L0908C2A Datasheet HTML 1Page - Samsung semiconductor K6L0908C2A Datasheet HTML 2Page - Samsung semiconductor K6L0908C2A Datasheet HTML 3Page - Samsung semiconductor K6L0908C2A Datasheet HTML 4Page - Samsung semiconductor K6L0908C2A Datasheet HTML 5Page - Samsung semiconductor K6L0908C2A Datasheet HTML 6Page - Samsung semiconductor K6L0908C2A Datasheet HTML 7Page - Samsung semiconductor K6L0908C2A Datasheet HTML 8Page - Samsung semiconductor K6L0908C2A Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6L0908C2A Family
CMOS SRAM
Revision 4.0
January 1997
2
64Kx8 bit Low Power CMOS Static RAM
GENERAL DESCRIPTION
The K6L0908C2A families are fabricated by SAMSUNG
′s
advanced CMOS process technology. The families support
various operating temperature ranges and have various
package types for user flexibility of system design. The
families also support low data retention voltage for battery
back-up operation with low data retention current.
FEATURES
• Process Technology: Poly Load
• Organization: 64Kx8
• Power Supply Voltage: 4.5~5.5V
• Low Data Retention Voltage: 2V(Min)
• Three state output and TTL Compatible
• Package Type: 32-SOP-525, 32-TSOP1-0820F
PIN DESCRIPTION
Name
Function
CS1, CS2
Chip Select Inputs
OE
Output Enable Input
WE
Write Enable Input
A0~A15
Address Inputs
I/O1~I/O8
Data Inputs/Outputs
Vcc
Power
Vss
Ground
N.C
No Connection
PRODUCT FAMILY
Product Family
Operating Temperature
VCC Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Max)
Operating
(ICC2, Max)
K6L0908C2A-L
Commercial (0~70
°C)
4.5 to 5.5V
55/70ns
100
µA
70mA
32-SOP
32-TSOP1-F
K6L0908C2A-B
20
µA
K6L0908C2A-P
Industrial (-40~85
°C)
70ns
100
µA
K6L0908C2A-F
50
µA
FUNCTIONAL BLOCK DIAGRAM
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
A11
A9
A8
A13
WE
CS2
A15
NC
NC
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-TSOP
Type1 - Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
N.C
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
VSS
VCC
A15
CS2
WE
A13
A8
A9
A11
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-SOP
N.C
VCC
Precharge circuit.
Memory array
512 rows
128
×8 columns
I/O Circuit
Column select
Clk gen.
Row
select
A0
A1
A2
A8
A9
A11
A10
A3
A4
A5
A6
A7
A12
A14
CS1
CS2
WE
I/O1
Data
cont
Data
cont
OE
I/O8
A13
A15
Control
Logic


Similar Description - K6L0908C2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68512A SAMSUNG-KM68512A Datasheet
143Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
KM68512B SAMSUNG-KM68512B Datasheet
126Kb / 9P
   64Kx8 bit Low Power CMOS Static RAM
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM6264B SAMSUNG-KM6264B Datasheet
152Kb / 10P
   8Kx8 bit Low Power CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com