Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008C1A-C20 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1008C1A-C20
Description  128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008C1A-C20 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1008C1A-C20 Datasheet HTML 1Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 2Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 3Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 4Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 5Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 6Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 7Page - Samsung semiconductor K6R1008C1A-C20 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
K6R1008C1A-C, K6R1008C1A-I
CMOS SRAM
PRELIMINARY
Rev 4.0
- 1 -
February 1998
Document Title
128Kx8 High Speed Static RAM(5V Operating), Revolutionary Pin out.
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev. No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev. 4.0
Remark
Preliminary
Final
Final
Final
Final
History
Initial release with Preliminary.
Release to final Data Sheet.
1.1. Delete Preliminary
Update D.C parameters.
2.1. Update D.C parameters
Add Industrial Temperature Range parts and 300mil-SOJ PKG.
3.1. Add 32-Pin 300mil-SOJ Package.
3.2. Add Industrial Temperature Range parts with the same parame-
ters as Commercial Temperature Range parts.
3.2.1. Add K6R1008C1A parts for Industrial Temperature Range.
3.2.2. Add ordering information.
3.2.3. Add the condition for operating at Industrial Temp. Range.
3.3. Add the test condition for VOH1 with VCC=5V
±5% at 25°C
3.4. Add timing diagram to define tWP as
″(Timing Wave Form of
Write Cycle(CS=Controlled)
4.1. Delete 17ns Part
ITEMS
Previous spec.
(12/15/17/20ns part)
Updated spec.
(12/15/17/20ns part)
ICC
200/190/180/170mA
170/165/165/160mA
ISB
30mA
25mA
ISB1
10mA
8mA
Draft Data
Apr. 22th, 1995
Feb. 29th, 1996
Jul. 16th, 1996
Jun. 2nd, 1997
Feb. 25th, 1998


Similar Part No. - K6R1008C1A-C20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C10 SAMSUNG-K6R1008C1B-C10 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C12 SAMSUNG-K6R1008C1B-C12 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C8 SAMSUNG-K6R1008C1B-C8 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-I10 SAMSUNG-K6R1008C1B-I10 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1008C1A-C20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com