Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008C1C-I10 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R1008C1C-I10
Description  128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008C1C-I10 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R1008C1C-I10 Datasheet HTML 1Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 2Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 3Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 4Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 5Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 6Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 7Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 8Page - Samsung semiconductor K6R1008C1C-I10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6R1008C1C-C/C-L, K6R1008C1C-I/C-P
CMOS SRAM
PRELIMINARY
Revision 3.0
- 2 -
September 2001
PRELIMINARY
128K x 8 Bit High-Speed CMOS Static RAM(5.0V Operating)
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 30mA(Max.)
(CMOS) : 5mA(Max.)
0.5mA(Max.) L-ver. only
Operating K6R1008C1C-10 : 80mA(Max.)
K6R1008C1C-12 : 75mA(Max.)
K6R1008C1C-15 : 73mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Minimum Data Retention: L-ver. only
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
K6R1008C1C-J : 32-SOJ-400
K6R1008C1C-T : 32-TSOP2-400CF
K6R1008C1C-C10/C12/C15
Commercial Temp.
K6R1008C1C-I10/I12/I15
Industrial Temp.
ORDERING INFORMATION
Clk Gen.
I/O1~I/O8
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
256x8 Columns
I/O Circuit
PIN FUNCTION
Pin Name
Pin Function
A0 - A16
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O8
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
The K6R1008C1C is a 1,048,576-bit high-speed Static Ran-
dom Access Memory organized as 131,072 words by 8 bits.
The K6R1008C1C uses 8 common input and output lines and
has an output enable pin which operates faster than address
access time at read cycle. The device is fabricated using SAM-
SUNG
′s advanced CMOS process and designed for high-
speed circuit technology. It is particularly well suited for use in
high-density
high-speed
system
applications.
The
K6R1008C1C is packaged in a 400mil 32-pin plastic SOJ or
TSOP2 forward.
PIN CONFIGURATION(Top View)
SOJ/
TSOP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O8
I/O7
Vss
Vcc
I/O6
I/O5
A12
A11
A10
A9
A8
A0
A1
A2
A3
CS
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE
A4
A5
A6
A7
A10 A11 A12 A13 A14 A15
A0
A1
A2
A3
A4
A5
A6
A7
A9
A16
A8


Similar Part No. - K6R1008C1C-I10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K6R1008C1C-J ETC2-K6R1008C1C-J Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
K6R1008C1C-J ATMEL-K6R1008C1C-J Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
K6R1008C1C-T ETC2-K6R1008C1C-T Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
K6R1008C1C-T ATMEL-K6R1008C1C-T Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - K6R1008C1C-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1C-C SAMSUNG-K6R4008C1C-C Datasheet
134Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com