Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F1208U0M- Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9F1208U0M-
Description  64M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208U0M- Datasheet(HTML) 1 Page - Samsung semiconductor

  K9F1208U0M- Datasheet HTML 1Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 2Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 3Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 4Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 5Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 6Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 7Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 8Page - Samsung semiconductor K9F1208U0M- Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
K9F1208U0M-YCB0, K9F1208U0M-YIB0
FLASH MEMORY
1
Document Title
64M x 8 Bit NAND Flash Memory
Revision History
Revision No
0.0
0.1
0.2
0.3
0.4
Remark
Advanced
Information
History
1. Initial issue
1. Renamed GND input (pin # 6) on behalf of SE (pin # 6)
- The SE input controls the access of the spare area. When SE is high,
the spare area is not accessible for reading or programming. SE is rec
ommended to be coupled to GND or Vcc and should not be toggled
during reading or programming.
=> Connect this input pin to GND or set to static low state unless the
sequential read mode excluding spare area is used.
2. Updated operation for tRST timing
- If reset command(FFh) is written at Ready state, the device goes into
Busy for maximum 5us.
1. Changed GND input (pin # 6) pin to N.C ( No Connection).
- The pin # 6 is don’t-cared regardless of external logic input level
and is fixed as low internally.
1. Changed plane address in Copy-Back Program
- A24 and A25 must be the same between source and target page
=> A14 and A15 must be the same between source and target page
1. Changed DC characteristics
2. Unified access timing parameter definition for multiple operating modes
- Changed AC characteristics (Before)
- AC characteristics (After)
. Deleted tCR,tRSTO, tCSTO and tREADID / Added tCEA
Parameter
Min
Typ
Max
Unit
Operating
Current
Sequential Read
-
10
20->30
mA
Program
-
10
20->30
Erase
-
10
20->30
Parameter
Symbol
Min
Max
Unit
ALE to RE Delay( ID read )
tAR1
100
-
ns
CE to RE Delay( ID read)
tCR
100
-
RE Low to Status Output
tRSTO
-
35
CE Low to Status Output
tCSTO
-
45
RE access time(Read ID)
tREADID
-
35
Parameter
Symbol
Min
Max
Unit
ALE to RE Delay( ID read )
tAR1
10
-
ns
CE Access Time
tCEA
-
45
Draft Date
Oct. 27th 2000
Dec. 5th 2000
Dec. 15th 2000
Jan. 8th 2001
Apr. 7th 2001


Similar Part No. - K9F1208U0M-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-F SAMSUNG-K9F1208U0A-F Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-P SAMSUNG-K9F1208U0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-V SAMSUNG-K9F1208U0A-V Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1208U0M-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com