Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F1208U0M-YIB0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K9F1208U0M-YIB0
Description  64M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208U0M-YIB0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K9F1208U0M-YIB0 Datasheet HTML 2Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 3Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 4Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 5Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 6Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 7Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 8Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 9Page - Samsung semiconductor K9F1208U0M-YIB0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
K9F1208U0M-YCB0, K9F1208U0M-YIB0
FLASH MEMORY
6
64M x 8 Bit NAND Flash Memory
The K9F1208U0M is a 64M(67,108,864)x8bit NAND Flash
Memory with a spare 2,048K(2,097,152)x8bit. Its NAND cell
provides the most cost-effective solution for the solid state
mass storage market. A program operation can be performed in
typical 200
µs on the 528-byte page and an erase operation can
be performed in typical 2ms on a 16K-byte block. Data in the
page can be read out at 50ns cycle time per byte. The I/O pins
serve as the ports for address and data input/output as well as
command inputs. The on-chip write controller automates all
program and erase functions including pulse repetition, where
required, and internal verification and margining of data. Even
the write-intensive systems can take advantage of the
K9F1208U0M’s extended reliability of 100K program/erase
cycles by providing ECC(Error Correcting Code) with real time
mapping-out algorithm. The K9F1208U0M-YCB0/YIB0 is an
optimum solution for large nonvolatile storage applications such
as solid state file storage and other portable applications requir-
ing non-volatility.
General Description
Features
• Voltage Supply : 2.7V~3.6V
• Organization
- Memory Cell Array : (64M + 2,048K)bit x 8bit
- Data Register : (512 + 16)bit x8bit multipled by four planes
• Automatic Program and Erase
- Page Program : (512 + 16)Byte
- Block Erase : (16K + 512)Byte
• 528-Byte Page Read Operation
- Random Access : 12
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back Operation
• Package :
- K9F1208U0M-YCB0, K9F1208U0M-YIB0 :
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
• Simultaneous Four Page/Block Program/Erase
Pin Configuration
NOTE : Connect all VCC and VSS pins of each device to common power supply outputs.
Do not leave VCC or VSS disconnected.
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
N.C
N.C
N.C
N.C
N.C
N.C
R/B
RE
CE
N.C
N.C
Vcc
Vss
N.C
N.C
CLE
ALE
WE
WP
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
I/O7
I/O6
I/O5
I/O4
N.C
N.C
N.C
Vcc
Vss
N.C
N.C
N.C
I/O3
I/O2
I/O1
I/O0
N.C
N.C
N.C
N.C
Pin Name
Pin Function
I/O0 ~ I/O7
Data Input/Outputs
CLE
Command Latch Enable
ALE
Address Latch Enable
CE
Chip Enable
RE
Read Enable
WE
Write Enable
WP
Write Protect
R/B
Ready/Busy output
VCC
Power(+2.7V~3.6V)
VSS
Ground
N.C
No Connection
Pin Description


Similar Part No. - K9F1208U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-F SAMSUNG-K9F1208U0A-F Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-P SAMSUNG-K9F1208U0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-V SAMSUNG-K9F1208U0A-V Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1208U0M-YIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com