Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F4008W0A- Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9F4008W0A-
Description  512K x 8 bit NAND Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F4008W0A- Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9F4008W0A- Datasheet HTML 4Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 5Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 6Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 7Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 8Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 9Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 10Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 11Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
K9F4008W0A-TCB0, K9F4008W0A-TIB0
FLASH MEMORY
8
AC Characteristics for Operation
NOTE : 1. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-
15
µs
ALE to RE Delay(ID Delay)
tAR1
20
-
ns
ALE to RE Delay(Read Cycle)
tAR2
250
-
ns
CE low to RE low (ID read)
tCR
250
-
ns
CLE to RE Delay
tCLR
50
-
ns
Ready to RE Low
tRR
100
-
ns
RE Pulse Width
tRP
60
-
ns
WE High to Busy
tWB
-
200
ns
Read Cycle Time
tRC
120
-
ns
RE Access Time
tREA
-
50
ns
RE High to Output Hi-Z
tRHZ
0
30
ns
CE High to Output Hi-Z
tCHZ
-
50
ns
RE High Hold Time
tREH
40
-
ns
Output Hi-Z to RE Low
tIR
0
-
ns
CE High to Ready(in case of interception by CE at read)
tCRY
-
100+tr(R/B)(1)
ns
RE Low to Status Output
tRSTO
-
60
ns
CE Low to Status Output
tCSTO
-
70
ns
WE High to RE Low
tWHR
50
-
ns
RE access time(Read ID)
tWHRID
100
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500
µs
AC Timing Characteristics for Command / Address / Data Input
Parameter
Symbol
Min
Max
Unit
CLE Set-up Time
tCLS
50
-
ns
CLE Hold Time
tCLH
50
-
ns
CE Setup Time
tCS
50
-
ns
CE Hold Time
tCH
50
-
ns
WE Pulse Width
tWP
60
-
ns
ALE Setup Time
tALS
50
-
ns
ALE Hold Time
tALH
50
-
ns
Data Set-up Time
tDS
40
-
ns
Data Hold Time
tDH
20
-
ns
Write Cycle Time
tWC
120
-
ns
WE High Hold Time
tWH
40
-
ns


Similar Part No. - K9F4008W0A-

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9F4G08U STMICROELECTRONICS-K9F4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9F4G08U0A SAMSUNG-K9F4G08U0A Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0A-I SAMSUNG-K9F4G08U0A-I Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0A-P SAMSUNG-K9F4G08U0A-P Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0D-SIB0000 SAMSUNG-K9F4G08U0D-SIB0000 Datasheet
930Kb / 28P
   Product Selection Guide Samsung Semiconductor, Inc. Memory & Storage
More results

Similar Description - K9F4008W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F1608W0A- SAMSUNG-K9F1608W0A- Datasheet
443Kb / 25P
   2M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com