Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2143B Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KA2143B
Description  R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2143B Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KA2143B Datasheet HTML 4Page - Samsung semiconductor KA2143B Datasheet HTML 5Page - Samsung semiconductor KA2143B Datasheet HTML 6Page - Samsung semiconductor KA2143B Datasheet HTML 7Page - Samsung semiconductor KA2143B Datasheet HTML 8Page - Samsung semiconductor KA2143B Datasheet HTML 9Page - Samsung semiconductor KA2143B Datasheet HTML 10Page - Samsung semiconductor KA2143B Datasheet HTML 11Page - Samsung semiconductor KA2143B Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2143B
7
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C) (1)
ELECTRICAL CHARACTERISTICS
DC Electrical Characteristics
TA = 25 °C, VCC1 = VCC2 = 12V: V10 = 4V: V11 = 4V; V13 = 4V; Vdrive = 4V; V4 = 0V; V12 = 0V
unless otherwise stated
Table 4. Absolute Maximum Ratings
No
Item
Symbol
Value
Unit
Min
Typ
Max
1
Maximum Supply Voltage
Vccmax
-
-
13.5
V
2
Operating Temperature (2)
Topr
-20
-
70
°C
3
Storage Tempperture
Tstg
-65
-
150
°C
4
Operating Supply Voltage
Vccop
11.4
12.0
12.6
V (3)
5
Maximum Supply Current
ICCmax
120
mA
6
Power Dissipation
PD
-
-
2.0
W
Table 5. DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
Icc
(4)
65
85
97
mA
Video Input Resistance
RIN
Any Amplifier
10
100
-
k
Clamp Gate Low Input Voltage
V12L
Clamp Comparators On
0.8
1.5
3.0
V
Clamp Gate High Input Voltage
V12h
Clamp Comparators Off
0.8
1.5
2.0
V
Clamp Gate Low Input Current
I12IL
V12 = 0V
-5.0
-2.0
-
µA
Clamp Gate High Input Current
I12h
V12 = 12V
-
0.01
1.0
µA
Blank Gate Low Input Voltage
V13L
Blank Gate On
0.8
1.5
-
V
Blank Gate High Input Voltage
V13h
Blank Gate Off
-
1.5
2.0
V
Blank Gate Low Input Current
I13L
V13 = 0V
-5.0
-2.0
-
µA
Blank Gate High Input Current
I13h
V13 = 12V
-
0.01
1.0
µA
Video Input bias Voltage
Vbias
1.6
1.9
2.2
V
Output Clamp Cap Charge Current
Iclamp+
Clamp Comparators On
0.45
0.75
1.05
mA
Output Clamp Cap Discharge Current
I clamp-
Clamp Comparators Off
-1.05
-0.75
-0.45
mA


Similar Part No. - KA2143B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
Fairchild Semiconductor
KA2142 FAIRCHILD-KA2142 Datasheet
62Kb / 12P
   Vertical Deflection Output Circuit
KA2142C FAIRCHILD-KA2142C Datasheet
62Kb / 12P
   Vertical Deflection Output Circuit
More results

Similar Description - KA2143B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com