Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4008V1C-GF70 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6T4008V1C-GF70
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008V1C-GF70 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6T4008V1C-GF70 Datasheet HTML 1Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 2Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 3Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 4Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 5Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 6Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 7Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 8Page - Samsung semiconductor K6T4008V1C-GF70 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
K6T4008V1C, K6T4008U1C Family
CMOS SRAM
Revision 1.0
January 1999
5
AC CHARACTERISTICS (K6T4008V1C Family: Vcc=3.0~3.6V, K6T4008U1C Family: Vcc=2.7~3.3V
Commercial product:: TA=0 to 70
°C, Industrial product: TA=-40 to 85°C)
Parameter List
Symbol
Speed Bins
Units
70ns
85ns
100ns
Min
Max
Min
Max
Min
Max
Read
Read cycle time
tRC
70
-
85
-
100
-
ns
Address access time
tAA
-
70
-
85
-
100
ns
Chip select to output
tCO
-
70
-
85
-
100
ns
Output enable to valid output
tOE
-
35
-
40
-
50
ns
Chip select to low-Z output
tLZ
10
-
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
25
0
25
0
30
ns
Output disable to high-Z output
tOHZ
0
25
0
25
0
30
ns
Output hold from address change
tOH
10
-
10
-
15
-
ns
Write
Write cycle time
tWC
70
-
85
-
100
-
ns
Chip select to end of write
tCW
60
-
70
-
80
-
ns
Address set-up time
tAS
0
-
0
-
0
-
ns
Address valid to end of write
tAW
60
-
70
-
80
-
ns
Write pulse width
tWP
55
-
55
-
70
-
ns
Write recovery time
tWR
0
-
0
-
0
-
ns
Write to output high-Z
tWHZ
0
25
0
25
0
30
ns
Data to write time overlap
tDW
30
-
35
-
40
-
ns
Data hold from write time
tDH
0
-
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
5
-
ns
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS(Test Load and Input/Output Reference)
Input pulse level: 0.4 to 2.2V
Input rising and falling time: 5ns
Input and output reference voltage:1.5V
Output load(see right): CL=100pF+1TTL
CL1)=30pF+1TTL
1. 70ns product
DATA RETENTION CHARACTERISTICS
1. Industrial product = 20
µA
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS
≥Vcc-0.2V
2.0
-
3.6
V
Data retention current
IDR
Vcc=3.0V, CS
≥Vcc-0.2V
-
0.5
151)
µA
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Similar Part No. - K6T4008V1C-GF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C SAMSUNG-K6T4008C Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C SAMSUNG-K6T4008C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008V1C-GF70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com