Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2161 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KA2161
Description  pal/ntsc 1 chip ic for color television
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2161 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KA2161 Datasheet HTML 3Page - Samsung semiconductor KA2161 Datasheet HTML 4Page - Samsung semiconductor KA2161 Datasheet HTML 5Page - Samsung semiconductor KA2161 Datasheet HTML 6Page - Samsung semiconductor KA2161 Datasheet HTML 7Page - Samsung semiconductor KA2161 Datasheet HTML 8Page - Samsung semiconductor KA2161 Datasheet HTML 9Page - Samsung semiconductor KA2161 Datasheet HTML 10Page - Samsung semiconductor KA2161 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
KA2161
PAL/NTSC 1 CHIP FOR C/TV
CHROMA SECTION
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
ACC characteristic (1)
A1
0.5
0.85
-
Vp-p
ACC characteristic (2)
A2
0.9
1.0
1.2
ratio
Uni-color control voltage
VUNI
0.8
1.2
1.6
V
Uni-color control range
GUNI
20
-
-
dB
Color control voltage
VCOL
0.8
1.2
1.6
V
Color control range
GCOL
20
-
-
dB
Color residual voltage
VR
-
-
3.
mVp-p
Tint control voltage
VTINT
0.8
1.5
2.5
V
Tint range 1(3.58MHz)
TNTSC1
35
50
-
deg
Tint range 2(3.58MHz)
TNTSC2
-35
-50
-
deg
PAL/NTSC S/W voltage
VP/N
0.4
0.7
1.4
V
Killer sensitivity (3.58MHz)
KSN
-
1.0
3.0
mVp-p
Killer sensitivity (4.43MHz)
KSP
-
1.0
3.0
mVp-p
Killer voltage (1)
VKIL1
4.5
4.8
5.1
V
Killer voltage (2)
VKIL2
3.8
4.1
4.4
V
APC pull in range(3.58MHz)
fPN1
300
500
-
Hz
APC pull in range(3.58MHz)
fPNH
300
500
-
Hz
APC hold in range(3.58MHz)
fHN1
300
500
-
Hz
APC hold in range(3.58MHz)
fHNH
300
500
-
Hz
APC pull in range(4.43MHz)
fPP1
300
500
-
Hz
APC pull in range(3.58MHz)
fPPH
300
500
-
Hz


Similar Part No. - KA2161

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
More results

Similar Description - KA2161

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA76070 SANYO-LA76070 Datasheet
308Kb / 27P
   NTSC Color Television IC
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
   PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Sanyo Semicon Device
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Samsung semiconductor
KA2154 SAMSUNG-KA2154 Datasheet
543Kb / 21P
   Video-Chroma Deflection system For A Color Television(PAL/NTSC)
logo
Sharp Corporation
VTST6UF78 SHARP-VTST6UF78 Datasheet
51Kb / 2P
   NTSC/PAL Electronic Television Tuners
logo
Toshiba Semiconductor
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sanyo Semicon Device
LA76075 SANYO-LA76075 Datasheet
712Kb / 35P
   NTSC Color Television Sets
logo
Panasonic Semiconductor
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
   Video Signal Processor IC for PAL/NTSC Color-TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com