Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2197D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2197D
Description  RGB ENCODER FOR NTSC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2197D Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2197D Datasheet HTML 1Page - Samsung semiconductor KA2197D Datasheet HTML 2Page - Samsung semiconductor KA2197D Datasheet HTML 3Page - Samsung semiconductor KA2197D Datasheet HTML 4Page - Samsung semiconductor KA2197D Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KA2197D
RGB ENCODER FOR NTSC
PIN CONFIGURATION
* VCC 1, GND 1 : EXCEPT OUTPUT STAGE
* VCC 2, GND 2 : OUTPUT STAGE
ABSOLUTE MAXIMUM RATINGS (TA=25
°C)
ELECTRICAL CHARACTERISTICS(T
A=25°C, VCC=5V)
Pin No.
DESCRIPTION
Pin NO
DESCRIPTION
1
GND 1
13
REGULATOR CURRENT SINK
2
RED INPUT
14
2V REGULATOR OUTPUT
3
GREEN INPUT
15
C OUT
4
BLUE INPUT
16
Y OUT
5
X-TAL OUT
17
N.C
6
X-TAL IN
18
N.C
7
N.C
19
VCC 2
8
AUDIO IN
20
COMPOSITE VIDEO OUTPUT
9
AUDIO OUT
21
BLUE OUTPUT
10
COMPOSITE SYNC INPUT
22
GREEN OUTPUT
11
COMPOSITE SYNC OUTPUT
23
RED OUTPUT
12
VCC 1
24
GND 2
Characteristic
Symbol
Value
Unit
Supply Voltage
V
CC
10
V
Power dissipation
P
D
1250
mW
Operating Temperature
T
OPR
-20~+70
°C
Storage Temperature
T
STG
-55~+150
°C
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current 1
I
CC1
No Signal input
29
39
49
mA
Supply Current 2
I
CC2
No Signal input
6.0
11
16
mA
R Output Voltage
V
O
R
IN =1 VP-P
0.64
0.71
0.78
V
P-P
G Output Voltage
V
O
G
IN =1 VP-P
0.64
0.71
0.78
V
P-P
B Output Voltage
V
O
B
IN =1 VP-P
0.64
0.71
0.78
V
P-P
R Frequency Response
f
C
R, G, B f = 200 KHz
5
-
-
MHz
G Frequency Response
f
C
-dB POINT
5
-
-
MHz
B Frequency Response
f
C
5
-
-
MHz
Sync. Level
V
OS
Condition:R, G, B and
0.26
0.29
0.33
V
R 100% Y Level
V
O
C Sync. input
0.19
0.21
0.25
V
G 100% Y Level
V
O
Measure Composite
0.38
0.42
0.48
V
B 100% Y Level
V
O
Video Output
0.07
0.08
0.09
V


Similar Part No. - KA2197D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2192 SAMSUNG-KA2192 Datasheet
77Kb / 6P
   4 IN PUT A/V SWITCH
KA2195 SAMSUNG-KA2195 Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
logo
List of Unclassifed Man...
KA2195DTF ETC2-KA2195DTF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results

Similar Description - KA2197D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BA6592F ROHM-BA6592F Datasheet
1Mb / 15P
   RGB TO NTSC/PA L ENCODER
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com