Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5608U0C-HCB0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9F5608U0C-HCB0
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608U0C-HCB0 Datasheet(HTML) 3 Page - Samsung semiconductor

  K9F5608U0C-HCB0 Datasheet HTML 1Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 2Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 3Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 4Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 5Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608U0C-HCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
2
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
GENERAL DESCRIPTION
FEATURES
• Voltage Supply
- 1.8V device(K9F56XXQ0C) : 1.70~1.95V
- 3.3V device(K9F56XXU0C) : 2.7 ~ 3.6 V
• Organization
- Memory Cell Array
- X8 device(K9F5608X0C) : (32M + 1024K)bit x 8 bit
- X16 device(K9F5616X0C) : (16M + 512K)bit x 16bit
- Data Register
- X8 device(K9F5608X0C) : (512 + 16)bit x 8bit
- X16 device(K9F5616X0C) : (256 + 8)bit x16bit
• Automatic Program and Erase
- Page Program
- X8 device(K9F5608X0C) : (512 + 16)Byte
- X16 device(K9F5616X0C) : (256 + 8)Word
- Block Erase :
- X8 device(K9F5608X0C) : (16K + 512)Byte
- X16 device(K9F5616X0C) : ( 8K + 256)Word
• Page Read Operation
- Page Size
- X8 device(K9F5608X0C) : (512 + 16)Byte
- X16 device(K9F5616X0C) : (256 + 8)Word
- Random Access
: 10
µs(Max.)
- Serial Page Access : 50ns(Min.)
32M x 8 Bit / 16M x 16 Bit NAND Flash Memory
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance
: 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back
• Unique ID for Copyright Protection
• Power-On Auto-Read Operation
• Safe Lock Mechanism
• Package
- K9F56XXU0C-YCB0/YIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
- K9F56XXX0C-DCB0/DIB0
63- Ball TBGA ( 9 x 11 /0.8mm pitch , Width 1.0 mm)
- K9F5608U0C-VCB0/VIB0
48 - Pin WSOP I (12X17X0.7mm)
- K9F56XXU0C-PCB0/PIB0
48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)- Pb-free Package
- K9F56XXX0C-HCB0/HIB0
63- Ball TBGA ( 9 x 11 /0.8mm pitch , Width 1.0 mm)
- Pb-free Package
- K9F5608U0C-FCB0/FIB0
48 - Pin WSOP I (12X17X0.7mm)- Pb-free Package
* K9F5608U0C-V,F(WSOPI ) is the same device as
K9F5608U0C-Y,P(TSOP1) except package type.
Offered in 32Mx8bit or 16Mx16bit, the K9F56XXX0C is 256M bit with spare 8M bit capacity. The device is offered in 1.8V or 3.3V
Vcc. Its NAND cell provides the most cost-effective solutIon for the solid state mass storage market. A program operation can be
performed in typical 200
µs on a 528-byte(X8 device) or 264-word(X16 device) page and an erase operation can be performed in typ-
ical 2ms on a 16K-byte(X8 device) or 8K-word(X16 device) block. Data in the page can be read out at 50ns cycle time per word. The
I/O pins serve as the ports for address and data input/output as well as command input. The on-chip write control automates all pro-
gram and erase functions including pulse repetition, where required, and internal verification and margining of data. Even the write-
intensive systems can take advantage of the K9F56XXX0C
′s extended reliability of 100K program/erase cycles by providing
ECC(Error Correcting Code) with real time mapping-out algorithm.
The K9F56XXX0C is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable
applications requiring non-volatility.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9F5608Q0C-D,H
1.70 ~ 1.95V
X8
TBGA
K9F5616Q0C-D,H
X16
K9F5608U0C-Y,P
2.7 ~ 3.6V
X8
TSOP1
K9F5608U0C-D,H
TBGA
K9F5608U0C-V,F
WSOP1
K9F5616U0C-Y,P
X16
TSOP1
K9F5616U0C-D,H
TBGA


Similar Part No. - K9F5608U0C-HCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0C-H SAMSUNG-K9F5608U0C-H Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608U0C-H SAMSUNG-K9F5608U0C-H Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608U0C-HCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com