Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RZ33LC-TL Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RN5RZ33LC-TL
Description  LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ33LC-TL Datasheet(HTML) 4 Page - RICOH electronics devices division

  RN5RZ33LC-TL Datasheet HTML 1Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RZ33LC-TL Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LOW DROP-OUT AND LOW NOISE
VOLTAGE REGULATOR
1
RN5RZ SERIES
OUTLINE
The RN5RZ Series are voltage regulator ICs with high output voltage accuracy, low supply current, low dropout
voltage and high ripple rejection developed through the use of a CMOS process. Each of these voltage regulator
ICs consists of a voltage reference unit, an error amplifier, output voltage setting resistors, a current limit circuit and
a chip enable circuit. (Provided two types of chip enable circuit ; “H” active and “L” active, that can be selected when
order.)
The output voltage of these ICs is fixed with high accuracy.
In addition to low supply current from CMOS process, the RN5RZ Series may lengthen battery life through low
dropout voltage and chip enable function thanks to the built-in low ON resistance transistor. Also when compared
with conventional regulators that employ CMOS process, these ICs have superior ripple rejection, input transient
response characteristic and load transient response characteristic thus making these product suitable for power sup-
ply for hand-held communication equipment.
Since the package for these ICs is the SOT-23-5 package, high density mounting of the ICs on boards is possible.
• Ultra-Low Supply Current...........................................TYP. 20µA
• Ultra-Low Supply Current (Standby).........................TYP. 0.1µA
• High Accuracy Output Voltage ..................................±2.0%
• High Ripple Rejection .................................................TYP.55dB (f=1kHz)
• Low Dropout Voltage ..................................................TYP. 0.2V (IOUT=60mA)
• Low Temperature-Drift Coefficient of Output Voltage........TYP. ±100ppm/˚C
• Excellent Line Regulation...........................................TYP. 0.05%/V
• Output Voltage .............................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V
is possible (refer to Selection Guide).
• Built-in Short Current Limit Circuit...........................TYP. 50mA
• Small Package ..............................................................SOT-23-5 (Mini-mold)
FEATURES
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for cellular phones, cameras, VCRs, camcorders, hand-held audio instruments and hand-held com-
munication equipment.
• Power source for domestic appliances.


Similar Part No. - RN5RZ33LC-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ30AA-TR-FE RICOH-RN5RZ30AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ30BA-TR-FE RICOH-RN5RZ30BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ30CA-TR-FE RICOH-RN5RZ30CA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ35AA-TR-FE RICOH-RN5RZ35AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ35BA-TR-FE RICOH-RN5RZ35BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results

Similar Description - RN5RZ33LC-TL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com