Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

355650300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 355650300
Description  2.29mm (0.090") Housing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

355650300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  355650300 Datasheet HTML 1Page - Molex Electronics Ltd. 355650300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0355650300
Status:
Active
Description:
2.29mm (0.090") Housing
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35565-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
35565
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
3
Color - Resin
Natural
Flammability
94HB
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Resin
Polyester Alloy
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.090 In
Pitch - Mating Interface (mm)
2.29 mm
Pitch - Term. Interface (in)
0.090 In
Pitch - Term. Interface (mm)
2.29 mm
Polarized to Mating Part
No
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35565-001
Sales Drawing
SD-35565-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35565Series
Use With
35454 MagKrimp™ Pin Cluster Block
Connector Terminal
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 355650300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3556 VISHAY-3556 Datasheet
89Kb / 2P
   Ceramic Stand-off Insulators for RF-Equipment
Revision: 29-Aug-02
logo
Lumberg
3556 LUMBERG-3556 Datasheet
92Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
logo
ebm-papst
3556 EBMPAPST-3556 Datasheet
423Kb / 1P
   TUBEAXIAL
3556 EBMPAPST-3556 Datasheet
290Kb / 4P
   AC axial compact fan
logo
Lumberg
3556 LUMBERG-3556 Datasheet
436Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com