Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0475976102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0475976102
Description  LGA 1156 Pan Screw for 1U Server, 5.17mm (.204") Thread, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0475976102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0475976102 Datasheet HTML 1Page - Molex Electronics Ltd. 0475976102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0475976102
Status:
Active
Description:
LGA 1156 Pan Screw for 1U Server, 5.17mm (.204") Thread, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-47596-001 (PDF)
General
Product Family
Processor Sockets
Series
47596
Component Type
Screw
Product Name
LGA1156
Physical
Circuits (Loaded)
N/A
Durability (mating cycles max)
20
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Temperature Range - Operating
-25°C to +100°C
Termination Interface: Style
Screw or Lug
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-47596-001
Sales Drawing
SD-47597-012
Intel and Nehalem and relevant names are either trademarks or registered trademarks of Intel Corporation
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47596Series
Mates With
Intel* Nehalem Processor
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0475976102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475976101 MOLEX6-0475976101 Datasheet
97Kb / 2P
   LGA 1156 Shoulder Screw for 1U Server, 3.80mm (.150") Thread, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com