Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-47578-006 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-47578-006
Description  Cover for Mobile Phone Camera Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47578-006 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-47578-006 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47578-006 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SD-47578-006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-47507-001 MOLEX6-SD-47507-001 Datasheet
153Kb / 3P
   2.00mm (.079") Pitch Battery Connector with side Fitting Nails
SD-47531-001 MOLEX6-SD-47531-001 Datasheet
114Kb / 3P
   2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 0.67mm (.026"), with Mylar, 4 Circuits
SD-47550-002 MOLEX-SD-47550-002 Datasheet
262Kb / 1P
   1.30MM HEIGHT BLOCK SIM CONNECTOR
REV:A
SD-47553-101 MOLEX-SD-47553-101 Datasheet
296Kb / 2P
   PUSG PUSH 6 PINS SIM WITH DETECT PIN&POST SALES DRAWING
2007/08/30
SD-47553-201 MOLEX6-SD-47553-201 Datasheet
171Kb / 3P
   1.27mm (.050") Pitch SIM Card Holder with Detect Pins, 6 Circuits, Push- Push Style, Housing Height 1.80mm
More results

Similar Description - SD-47578-006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0475780001 MOLEX6-0475780001 Datasheet
289Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, 6x6 Camera Module
0473370005 MOLEX6-0473370005 Datasheet
81Kb / 2P
   Cover for Mobile Phone Camera Socket, 8.5x8.5, Top Mount, Stainless Steel, Lead free
0784990001 MOLEX1-0784990001_17 Datasheet
32Kb / 2P
   Camera Socket for Mobile Phone, Surface Mount, Bottom Contact
1050760001 MOLEX11-1050760001 Datasheet
200Kb / 4P
   Camera Socket for Mobile Phone, Bottom Contact, 7x7 Camera Module, Lead free
0475860001 MOLEX6-0475860001 Datasheet
213Kb / 4P
   Camera Socket for Mobile Phone, Top Mount, Side Contact, 6.5x6.5 Camera Module
0472490005 MOLEX6-0472490005 Datasheet
80Kb / 2P
   Cover for Mobile Phone Camera Socket, 8x8, Top Mount, Side Contact Type, Stainless Steel, Lead free
0473370001 MOLEX6-0473370001 Datasheet
224Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8.5x8.5
0472490001 MOLEX6-0472490001 Datasheet
226Kb / 5P
   Camera Socket for Mobile Phone, Top Mount, SMT, Side Contact Type, 8x8
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
   Flash LED Driver for mobile phone with camera
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
   Power supply for CCD camera of mobile phone
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com