Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD16903 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KD16903
Description  DATA PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KD16903 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KD16903 Datasheet HTML 3Page - Samsung semiconductor KD16903 Datasheet HTML 4Page - Samsung semiconductor KD16903 Datasheet HTML 5Page - Samsung semiconductor KD16903 Datasheet HTML 6Page - Samsung semiconductor KD16903 Datasheet HTML 7Page - Samsung semiconductor KD16903 Datasheet HTML 8Page - Samsung semiconductor KD16903 Datasheet HTML 9Page - Samsung semiconductor KD16903 Datasheet HTML 10Page - Samsung semiconductor KD16903 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DATA PROCESSOR
KD16903
7
5.2 HOST INTERFACE UNIT (HIU)
- I
2C Bus Interface
The VIP can be controlled by a microcontroller via the 2-line I2C bus, SDA (Serial Data Line) and SCL (Serial
Clock Line). Both lines must be connected to a positive supply via pull-up resistor. Data transfer may be initiated
only when the bus is not busy. When the bus is free, both lines are high. The data on the SDA line must be stable
during the high period of clock, SCL. When the SCL is low, the SDA can change. Every byte transferred through
the SDA line must contain 8 bits including programmable slave address and read/write direction control bit. Each
byte must be followed by acknowledge bit which is sent back to the microcontroller by the VIP by pulling down the
SDA line. The MSB is transferred first.
- I
2C bus interface start and stop condition
The start condition is high to low transition of the SDA line while the SCL is high. The stop condition is low to high
transition of the SDA line while SCL is high.
SDA
SCL
SDA
SCL
Data Valid
Change
of data
Allowed
S
P
Start
Condition
Stop
Condition


Similar Part No. - KD16903

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KD16901 SAMSUNG-KD16901 Datasheet
959Kb / 70P
   AUDIO EFFECT PROCESSOR
More results

Similar Description - KD16903

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
logo
Texas Instruments
DLPC6401 TI1-DLPC6401 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Data Processor
logo
Exar Corporation
XR-T6165 EXAR-XR-T6165 Datasheet
157Kb / 16P
   Codirectional Digital Data Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Exar Corporation
XR-T6166 EXAR-XR-T6166 Datasheet
151Kb / 16P
   Codirectional Digital Data Processor
logo
Mitsubishi Electric Sem...
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Sanyo Semicon Device
LC8213K SANYO-LC8213K Datasheet
56Kb / 5P
   Image Data Compression/Expansion Processor
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com