Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459841931 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0459841931
Description  EXTreme LPHPower??Receptacle Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating, for 1.57mm (.062") Thick PC Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX6 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

0459841931 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0459841931 Datasheet HTML 1Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 2Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 3Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 4Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 5Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 6Page - Molex Electronics Ltd. 0459841931 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0459841931
Status:
Active
Overview:
extreme_lphpower
Description:
EXTreme LPHPower™ Receptacle Header, Right Angle, 10 Power Contacts, Select
Gold (Au) Plating, for 1.57mm (.062") Thick PC Board
Documents:
3D Model
Product Specification PS-45984-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
45984
Application
Board-to-Board
Comments
10 Power Blades
Overview
extreme_lphpower
Product Name
EXTreme LPHPower™
Physical
Circuits (Loaded)
10
Circuits (maximum)
10
Circuits Detail
10 Power, No Signal
Color - Resin
Black
Durability (mating cycles max)
250
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.472 In
Pitch - Mating Interface (mm)
12.00 mm
Pitch - Term. Interface (in)
0.079 In, 0.098 In
Pitch - Term. Interface (mm)
2.00 mm, 2.50 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Polarized to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
45984Series
Mates With
45985 EXTreme LPHPower™ Headers


Similar Part No. - 0459841931

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459841932 MOLEX6-0459841932 Datasheet
360Kb / 7P
   EXTreme LPHPower Receptacle Header, Right Angle, 10 Power Contacts, Select Gold (Au) Plating
0459841933 MOLEX6-0459841933 Datasheet
360Kb / 7P
   EXTreme LPHPower??Receptacle Header, Right Angle, 10 Power Contacts, SelectGold (Au) Plating, for 1.57mm (.062") Thick PC Board with Press-fit Plastic Pegs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com