Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4132G271A-8 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM4132G271A-8
Description  128K x 32Bit x 2 Banks Synchronous Graphic RAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271A-8 Datasheet(HTML) 2 Page - Samsung semiconductor

  KM4132G271A-8 Datasheet HTML 1Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 2Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 3Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 4Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 5Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 6Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 7Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 8Page - Samsung semiconductor KM4132G271A-8 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
KM4132G271A
CMOS SGRAM
Rev.0 (August 1997)
DQ29
VSSQ
DQ30
DQ31
VSS
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
VDD
DQ0
DQ1
VSSQ
DQ2
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
PIN CONFIGURATION (TOP VIEW)
A7
A6
A5
A4
VSS
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
VDD
A3
A2
A1
A0
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
100 Pin QFP
Forward Type
20 x 14 §±
0.65§® pin Pitch
Forward Type
Reverse Type
DQ2
VSSQ
DQ1
DQ0
VDD
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
VSS
DQ31
DQ30
VSSQ
DQ29
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
A0
A1
A2
A3
VDD
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
N.C
VSS
A4
A5
A6
A7
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
100 Pin QFP
Reverse Type
20 x 14 §±
0.65§® pin Pitch


Similar Part No. - KM4132G271A-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-10 SAMSUNG-KM4132G271BQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-7 SAMSUNG-KM4132G271BQR-7 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BQR-8 SAMSUNG-KM4132G271BQR-8 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
KM4132G271BTQR-10 SAMSUNG-KM4132G271BTQR-10 Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
More results

Similar Description - KM4132G271A-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A43L8316 AMICC-A43L8316 Datasheet
1Mb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
A43L8316A AMICC-A43L8316A Datasheet
1,008Kb / 45P
   128K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V283220T HYNIX-HY57V283220T Datasheet
913Kb / 15P
   4 Banks x 1M x 32Bit Synchronous DRAM
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com