Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM4132G271BTQR-8 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KM4132G271BTQR-8
Description  128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM4132G271BTQR-8 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KM4132G271BTQR-8 Datasheet HTML 7Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 8Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 9Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 10Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 11Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 12Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 13Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 14Page - Samsung semiconductor KM4132G271BTQR-8 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
KM4132G271B
CMOS SGRAM
- 11
Rev. 2.4 (May 1998)
SGRAM vs SDRAM
If DSF is low, SGRAM functionality is identical to SDRAM functionality .
SGRAM can be used as an unified memory by the appropriate DSF control
--> SGRAM=Graphic Memory + Main Memory
Function
MRS
Bank Active
Write
DSF
L
H
L
H
L
H
SGRAM
Function
MRS
SMRS
Bank Active
with
Write per bit
Disable
Bank Active
with
Write per bit
Enable
Normal
Write
Block
Write
3. Auto refresh functions as same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by "Auto".
Auto/Self refresh can be issued only at both precharge state.
4. A9 : Bank select address.
If "Low" at read, (block) write, Row active and precharge, bank A is selected.
If "High" at read, (block) write, Row active and precharge, bank B is selected.
If A8 is "High" at Row precharge, A9 is ignored and both banks are selected.
5. It is determined at Row active cycle.
whether Normal/Block write operates in write per bit mode or not.
For A bank write, at A bank Row active, for B bank write, at B bank Row active.
Terminology : Write per bit =I/O mask
(Block) Write with write per bit mode=Masked(Block) Write
6. During burst read or write with auto precharge, new read/(block) write command cannot be issued.
Another bank read/(block) write command can be issued at
tRP after the end of burst.
7. Burst stop command is valid only at full page burst length.
8. DQM sampled at positive going edge of a CLK.
masks the data-in at the very CLK(Write DQM latency is 0)
but makes Hi-Z state the data-out of 2 CLK cycles after.(Read DQM latency is 2)
9. Graphic features added to SDRAM
′s original features.
If DSF is tied to low, graphic functions are disabled and chip operates as a 8M SDRAM with 32 DQ
′s.
SIMPLIFIED TRUTH TABLE


Similar Part No. - KM4132G271BTQR-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-10 SAMSUNG-KM4132G271A-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-12 SAMSUNG-KM4132G271A-12 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A-8 SAMSUNG-KM4132G271A-8 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271AQ-10 SAMSUNG-KM4132G271AQ-10 Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
More results

Similar Description - KM4132G271BTQR-8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L1632512A ETC1-M32L1632512A Datasheet
879Kb / 54P
   256K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com