Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416C4104C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM416C4104C
Description  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C4104C Datasheet(HTML) 3 Page - Samsung semiconductor

  KM416C4104C Datasheet HTML 1Page - Samsung semiconductor KM416C4104C Datasheet HTML 2Page - Samsung semiconductor KM416C4104C Datasheet HTML 3Page - Samsung semiconductor KM416C4104C Datasheet HTML 4Page - Samsung semiconductor KM416C4104C Datasheet HTML 5Page - Samsung semiconductor KM416C4104C Datasheet HTML 6Page - Samsung semiconductor KM416C4104C Datasheet HTML 7Page - Samsung semiconductor KM416C4104C Datasheet HTML 8Page - Samsung semiconductor KM416C4104C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
KM416C4004C, KM416C4104C
CMOS DRAM
ABSOLUTE MAXIMUM RATINGS
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Parameter
Symbol
Rating
Units
Voltage on any pin relative to VSS
VIN,VOUT
-1.0 to +7.0
V
Voltage on VCC supply relative to VSS
VCC
-1.0 to +7.0
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
PD
1
W
Short Circuit Output Current
IOS Address
50
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70
°C)
*1 : VCC+2.0V at pulse width
≤20ns which is measured at VCC
*2 : -2.0 at pulse width
≤20ns which is measured at VSS
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.6
-
VCC+1.0*1
V
Input Low Voltage
VIL
-1.0*2
-
0.7
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Parameter
Symbol
Min
Max
Units
Input Leakage Current (Any input 0
≤VIN≤VCC+0.5V,
all other pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-5mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=4.2mA)
VOL
-
0.4
V


Similar Part No. - KM416C4104C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416C4100B SAMSUNG-KM416C4100B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4100C SAMSUNG-KM416C4100C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - KM416C4104C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com