Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416V1204C-45 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM416V1204C-45
Description  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416V1204C-45 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM416V1204C-45 Datasheet HTML 1Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 2Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 3Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 4Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 5Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 6Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 7Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 8Page - Samsung semiconductor KM416V1204C-45 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
ABSOLUTE MAXIMUM RATINGS
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted
to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Parameter
Symbol
Rating
Units
3.3V
5V
Voltage on any pin relative to VSS
VIN,VOUT
-0.5 to +4.6
-1.0 to +7.0
V
Voltage on VCC supply relative to VSS
VCC
-0.5 to +4.6
-1.0 to +7.0
V
Storage Temperature
Tstg
-55 to +150
-55 to +150
°C
Power Dissipation
PD
1
1
W
Short Circuit Output Current
IOS
50
50
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70
°C)
*1 : VCC+1.3V/15ns(3.3V), VCC+2.0V/20ns(5V), Pulse width is measured at VCC
*2 : -1.3V/15ns(3.3V), -2.0V/20ns(5V), Pulse width is measured at VSS
Parameter
Symbol
3.3V
5V
Units
Min
Typ
Max
Min
Typ
Max
Supply Voltage
VCC
3.0
3.3
3.6
4.5
5.0
5.5
V
Ground
VSS
0
0
0
0
0
0
V
Input High Voltage
VIH
2.0
-
VCC+0.3*1
2.4
-
VCC+1.0*1
V
Input Low Voltage
VIL
-0.3*2
-
0.8
-1.0*2
-
0.8
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Max
Parameter
Symbol
Min
Max
Units
3.3V
Input Leakage Current (Any input 0
≤VIN≤VIN+0.3V,
all other input pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-2mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=2mA)
VOL
-
0.4
V
5V
Input Leakage Current (Any input 0
≤VIN≤VIN+0.5V,
all other input pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-5mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=4.2mA)
VOL
-
0.4
V


Similar Part No. - KM416V1204C-45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results

Similar Description - KM416V1204C-45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com