Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416RD2C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM416RD2C
Description  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD2C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM416RD2C Datasheet HTML 2Page - Samsung semiconductor KM416RD2C Datasheet HTML 3Page - Samsung semiconductor KM416RD2C Datasheet HTML 4Page - Samsung semiconductor KM416RD2C Datasheet HTML 5Page - Samsung semiconductor KM416RD2C Datasheet HTML 6Page - Samsung semiconductor KM416RD2C Datasheet HTML 7Page - Samsung semiconductor KM416RD2C Datasheet HTML 8Page - Samsung semiconductor KM416RD2C Datasheet HTML 9Page - Samsung semiconductor KM416RD2C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Page 3
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
Table 3: Pin Description
Signal
I/O
Type
# of Pins
Description
SIO1,SIO0
I/O
CMOSa
2
Serial input/output. Pins for reading from and writing to the control
registers using a serial access protocol. Also used for power man-
agement.
CMD
I
CMOSa
1
Command input. Pins used in conjunction with SIO0 and SIO1 for
reading from and writing to the control registers. Also used for
power management.
SCK
I
CMOSa
1
Serial clock input. Clock source used for reading from and writing to
the control registers
VDD
10
Supply voltage for the RDRAM core and interface logic.
VDDa
1
Supply voltage for the RDRAM analog circuitry.
VCMOS
2
Supply voltage for CMOS input/output pins.
GND
13
Ground reference for RDRAM core and interface.
GNDa
1
Ground reference for RDRAM analog circuitry.
DQA8..DQA0
I/O
RSLb
9
Data byte A. Nine pins which carry a byte of read or write data
between the Channel and the RDRAM. DQA8 is not used by
RDRAMs with a x16 organization.
CFM
I
RSLb
1
Clock from master. Interface clock used for receiving RSL signals
from the Channel. Positive polarity.
CFMN
I
RSLb
1
Clock from master. Interface clock used for receiving RSL signals
from the Channel. Negative polarity
VREF
1
Logic threshold reference voltage for RSL signals
CTMN
I
RSLb
1
Clock to master. Interface clock used for transmitting RSL signals
to the Channel. Negative polarity.
CTM
I
RSLb
1
Clock to master. Interface clock used for transmitting RSL signals
to the Channel. Positive polarity.
RQ7..RQ5 or
ROW2..ROW0
I
RSLb
3
Row access control. Three pins containing control and address
information for row accesses.
RQ4..RQ0 or
COL4..COL0
I
RSLb
5
Column access control. Five pins containing control and address
information for column accesses.
DQB8..
DQB0
I/O
RSLb
9
Data byte B. Nine pins which carry a byte of read or write data
between the Channel and the RDRAM. DQB8 is not used by
RDRAMs with a x16 organization.
Total pin count per package
62
a. All CMOS signals are high-true; a high voltage is a logic one and a low voltage is logic zero.
b. All RSL signals are low-true; a low voltage is a logic one and a high voltage is logic zero.


Similar Part No. - KM416RD2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-RBM80 SAMSUNG-KM416RD8AS-RBM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
KM416RD8AS-SCM80 SAMSUNG-KM416RD8AS-SCM80 Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
More results

Similar Description - KM416RD2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com